Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN887 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN887 Datasheet HTML 2Page - STMicroelectronics AN887 Datasheet HTML 3Page - STMicroelectronics AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics AN887 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6/12
MICROCONTROLLERS MADE EASY
2 ADDITIONAL MICROCONTROLLER FEATURES
2.1 TIMERS
Watchdog timer. A watchdog timer provides a means of graceful recovery from a system
problem. This could be a program that goes into an endless loop, or a hardware problem that
prevents the program from operating correctly. If the program fails to reset the watchdog at
some predetermined interval, a hardware reset will be initiated. The bug may still exist, but at
least the system has a way to recover. This is especially useful for unattended systems.
Auto Reload Timer. Compared to a standard timer, this timer automatically reloads its
counting value when the count is over, therefore sparing a waste of CPU resource.
Figure 9. Standard Timer and Auto-Reload Timer Principle
Pulse Width Modulator. Often used as a digital-to-analog conversion technique. A pulse
train is generated and regulated with a low-pass filter to generate a voltage proportional to the
duty cycle.
Figure 10. PWM Principle
Pulse Accumulator. A pulse accumulator is an event counter. Each pulse increments the
pulse accumulator register, recording the number of times this event has occurred.
Input Capture. Input Capture can measure external frequencies or time intervals by copying
the value from a free running timer into the input capture register when an external event oc-
curs.
VR02101H
TIMER
Load Register
CLOCK
CPU
Reload
End of
TIMER
Load Register
CLOCK
CPU
Reload
End of
Count
Count
STANDARD TIMER
AUTO RELOAD TIMER
VR02101I
RC Filter
CLOCK
V
time
ANALOG
VOLTAGE
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com