Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN887 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Datasheet(HTML) 4 Page - STMicroelectronics

  AN887 Datasheet HTML 1Page - STMicroelectronics AN887 Datasheet HTML 2Page - STMicroelectronics AN887 Datasheet HTML 3Page - STMicroelectronics AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
MICROCONTROLLERS MADE EASY
1 TYPICAL MICROCONTROLLER APPLICATIONS
Microcontrollers are frequently found in home appliances (microwave oven, refrigerators, tel-
evision and VCRs, stereos), computers and computer equipment (laser printers, modems,
disk drives), cars (engine control, diagnostics, climate control), environmental control (green-
house, factory, home), instrumentation, aerospace, and thousands of other uses. In many
items, more than one processor can be found.
Figure 5. Typical MCU Applications
While microprocessors target the maximum processing performance, the purpose of micro-
controllers is to implement a set of control function in the most cost effective way. Although
controlling a microwave oven with a Pentium(TM) might seem an attractive idea, it can be easily
accomplished with an ST6.
In a typical application, the MCU has to manage several tasks according to their priority or to
the occurrence of external events (new command send by the keyboard, external temperature
rise,...)
Figure 6. Example of MCU Task Management.
The ability to manage control tasks by hardware or by software is the main performance indi-
cator for MCUs.
KEYLESS
TV SET
CAR RADIO
TELEPHONE SET
MONITOR
KEYBOARD
REMOTE
CONTROL
BATTERY CHARGER
DIMMER
SWITCH
REMOTE
METER
DASHBOAD
FRONT PANEL
BODY CONTROLLER
VR02101E
FUNCTION
KEYBOARD
SCANNING
MEASURE
TEMPERATURE
CHANGE
INFORMATION
DISPLAY
CENTRAL MCU
TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com