Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN887 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Datasheet(HTML) 2 Page - STMicroelectronics

  AN887 Datasheet HTML 1Page - STMicroelectronics AN887 Datasheet HTML 2Page - STMicroelectronics AN887 Datasheet HTML 3Page - STMicroelectronics AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
MICROCONTROLLERS MADE EASY
Flash
Flash is an electrically erasable and programmable memory. It can be used instead of ROM to
store program instructions and data. A key parameter of Flash memory is its endurance or the
number of times it can be erased or reprogrammed. Depending on the technology used, flash
endurance can be either 100 or 300,000 program/erase cycles.
RAM (Random Access Memory)
During in the execution of a program, data have to be saved for later use. Data are usually
stored in RAM.
EEPROM (Electrically Erasable Programmable Read Only Memory)
There is another way to store data in a microcontroller: EEPROM is used to store data that
must be saved through a power down cycle.
CPU (Central Processing Unit)
It is the brain of the system that processes all data and their travel along the bus. For example,
in order to execute a program, the CPU will read the first instruction from program memory.
This instruction is decoded by the CPU and executed. At the completion of the execution of
the instruction, the next instruction is fetched from memory and is executed. This procedure is
repeated until the end of the program (or an endless loop) is found.
Figure 2. Typical Microcontroller Block Organization
TIMERS
The timer or timing system makes it possible to measure and time external and internal
events. The power of the timers varies greatly between different MCUs.
I / O (INPUT / OUTPUT) PORTS
Most microcontrollers have several digital I/O ports that are used to drive a LED or get a key-
board input. Usually, a port consists of eight or less bits, usually programmable as either input
or output bits.
CENTRAL
PROCESSING
UNIT
RAM
EEPROM
DATA
MEMORY
ROM
PROGRAM
MEMORY
INPUT
OUTPUT
TIMING
SYSTEM
BUS
PERIPHERAL
SYSTEMS
VR02101B
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com