Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN887 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics AN887 Datasheet HTML 10Page - STMicroelectronics AN887 Datasheet HTML 11Page - STMicroelectronics AN887 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
MICROCONTROLLERS MADE EASY
2.5 INTERRUPTS
Polling. Polling is what you have to do if your microcontroller does not have interrupts or if
what you want to do is not time critical. It is a software technique whereby the controller con-
tinually asks a peripheral if it needs servicing. The peripheral sets a flag when it has data
ready for transferring to the controller, which the controller notices on its next poll. Several pe-
ripherals can be polled in succession, with the controller jumping to different software routines,
depending on which flags have been set.
Figure 14. Polling versus Interrupt
Interrupts. Rather than have the microcontroller continually polling - that is, asking periph-
erals (timers / UARTS / A/Ds / external components) whether they have any data available
(and finding most of the time they do not), a more efficient method is to have the peripherals
tell the controller when they have data ready. The controller can be carrying out its normal
function, only responding to peripherals when there is data to respond to. On receipt of an in-
terrupt, the controller suspends its current operation, identifies the interrupting peripheral, then
jumps to the appropriate interrupt service routine. The advantage of interrupts, compared with
polling, is the speed of response to external events and reduced software overhead (of con-
tinually asking peripherals if they have any data ready).
Most microcontrollers have at least one external interrupt, which can be edge selectable
(rising or falling) or level triggered. Both systems have advantages. Edge is not time sensitive,
but it is susceptible to glitches. Level must be held high (or low) for a specific duration (which
can be a pain but is not susceptible to glitches).
VR02101M
TASK 1
POLLINGLOOP
TASK 3
TASK 2
Event occurs
POLLINGLOOP
POLLINGLOOP
PROCESS
EVENT
TASK 1
TASK 3
TASK 2
Event occurs
INTERRUPT
PROCESS
EVENT
Save State
Restore State
POLLING
INTERRUPT
TASK 4
TASK 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com