Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN887 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Datasheet(HTML) 1 Page - STMicroelectronics

  AN887 Datasheet HTML 1Page - STMicroelectronics AN887 Datasheet HTML 2Page - STMicroelectronics AN887 Datasheet HTML 3Page - STMicroelectronics AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AN887/1100
1/12
AN887
APPLICATION NOTE
MICROCONTROLLERS MADE EASY
by Microcontroller Division Applications
WHAT IS A MICROCONTROLLER?
A few years ago, system control functions were implemented using logic components and
were usually large, heavy boxes. Later on, microprocessors were used and the entire con-
troller could fit onto a small circuit board. As the process of miniaturization continued, all of the
components needed for a controller were built right onto one chip. By only including the fea-
tures specific to the task, cost is relatively low.
A typical microcontroller has bit manipulation instructions, easy7 and direct access to I/O, and
quick and efficient interrupt processing. Therefore, a microcontroller is a highly integrated
device which includes, on one chip, all or most of the parts needed to perform an application
control function.
Microcontrollers come in many varieties. Depending on the power and features that are
needed, customers might choose a 4, 8, 16, or 32 bit microcontroller.
Figure 1. Typical MCU Block Diagram
ROM (Read Only Memory)
ROM is usually used to store program instructions. ROM is the least expensive mean of
storing a program in a microcontroller, especially for high volume manufacturing.
ROM
RAM
CPU
EEPROM
I/OPORT
SERIAL
TIMER
A / D
CONVERTER
INTERFACE
EXECUTES PROGRAM
MANAGES EVENTS
CONTAINS
PROGRAM
AND DATA
SIGNAL GENERATION
EVENT COUNTING
APPLICATION TIMEBASE
CONTAINS
TEMPORARY
DATA
CONTAINS
PERMANENT
DATA
PERIPHERAL
INTERFACE
ANALOGDATA
ACQUISITION
SENDSAND
RECEIVES
DATA
VR02101A
1


Similar Part No. - AN887

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN880 PANASONIC-AN880 Datasheet
192Kb / 14P
THE L6569 A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
logo
STMicroelectronics
AN880 STMICROELECTRONICS-AN880 Datasheet
192Kb / 14P
A NEW HIGH VOLTAGE IC DRIVER FOR ELECTRONIC LAMP BALLAST
Feb-2003
logo
Panasonic Semiconductor
AN8806SB PANASONIC-AN8806SB Datasheet
89Kb / 10P
Three-Beam Method Head Amplifier IC for CD Player
logo
List of Unclassifed Man...
AN8806SB ETC2-AN8806SB Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Panasonic Semiconductor
AN8807 PANASONIC-AN8807 Datasheet
90Kb / 10P
Three-Beam Method Head Amplifier IC for CD-ROM
More results

Similar Description - AN887

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CLB05B5240K1000TC1 MURATA-CLB05B5240K1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB05B5270K1000TC1 MURATA-CLB05B5270K1000TC1 Datasheet
161Kb / 2P
Custom made type
CLB05B5390K1000TC1 MURATA-CLB05B5390K1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB05B5430K1000TC1 MURATA-CLB05B5430K1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB05W1181Z1000TC1 MURATA-CLB05W1181Z1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB09B5101K1000TC1 MURATA-CLB09B5101K1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB055C0R6B1000TC1 MURATA-CLB055C0R6B1000TC1 Datasheet
162Kb / 2P
Custom made type
CLB056U1R1K1000TC1 MURATA-CLB056U1R1K1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB056U1R2K1000TC1 MURATA-CLB056U1R2K1000TC1 Datasheet
163Kb / 2P
Custom made type
CLB095C0R6B1000TC1 MURATA-CLB095C0R6B1000TC1 Datasheet
160Kb / 2P
Custom made type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com