Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN887 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN887
Description  MICROCONTROLLERS MADE EASY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN887 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN887 Datasheet HTML 3Page - STMicroelectronics AN887 Datasheet HTML 4Page - STMicroelectronics AN887 Datasheet HTML 5Page - STMicroelectronics AN887 Datasheet HTML 6Page - STMicroelectronics AN887 Datasheet HTML 7Page - STMicroelectronics AN887 Datasheet HTML 8Page - STMicroelectronics AN887 Datasheet HTML 9Page - STMicroelectronics AN887 Datasheet HTML 10Page - STMicroelectronics AN887 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
MICROCONTROLLERS MADE EASY
Output Compare. Output Compare can time an external event by sending a value stored in-
side the output compare register.
Figure 11. Input Capture and Output Capture Timer Functions
2.2 DIGITAL SIGNAL PROCESSORS (DSP)
Microcontrollers react to and control events, whereas DSPs execute repetitive math-intensive
algorithms. Today many embedded applications require both types of processors, and semi-
conductor manufacturers have responded by introducing microcontrollers with on-chip DSP
capability and DSPs with on-chip microcontrollers.
The most basic thing a DSP will do is a MACC (Multiply and ACCumulate). The number of
data bits a DSP can Multiply and ACCumulate will determine the dynamic range (and there-
fore the application).
2.3 ANALOG AND DIGITAL SIGNALS
We live in an analog world where the information we see, hear, process, and exchange with
each other, and with our mechanical and electronic systems, is always an analog quantity:
pressure, temperature, voltage and current are always analog entities. They can be digitized
for more efficient storage and transmission, but the interface (input and output) is almost al-
ways analog. Thus the essence of analog electronics lies in sensing continuously varying in-
formation, converting it to digital and reshaping the digital data to an analog signal at the other
end. Mixed analog-digital devices are being used increasingly to integrate the complex func-
tions of high-speed telecommunications, or the real-time data processing demanded by indus-
trial control systems and automotive systems.
VR02101J
TIMER
IC register
CLOCK
value
INCOMING
EVENT
TIMER
OC register
CLOCK
value
OUTGOING
EVENT
INPUT CAPTURE
OUTPUT COMPARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com