Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC2913
7
2913fb
APPLICATIONS INFORMATION
Voltage Monitoring
The LTC2913 is a low power dual voltage monitoring
circuit with two undervoltage and two overvoltage inputs.
A timeout period that holds OV and UV asserted after all
faults have cleared is adjustable using an external capacitor
and is externally disabled.
Each voltage monitor has two inputs (VHn and VLn) for
detecting undervoltage and overvoltage conditions. When
configured to monitor a positive voltage Vn using the
3-resistor circuit configuration shown in Figure 1, VHn
is connected to the high side tap of the resistive divider
and VLn is connected to the low side tap of the resistive
divider.
3-Step Design Procedure
The following 3-step design procedure determines ap-
propriate resistances to obtain the desired UV and OV trip
points for the voltage monitor circuit in Figure 1.
For supply monitoring, Vn is the desired nominal operat-
ing voltage, In is the desired nominal current through the
resistive divider, VOV is the desired overvoltage trip point
and VUV is the desired undervoltage trip point.
1. Choose RA to obtain the desired OV trip point
RA is chosen to set the desired trip point for the
overvoltage monitor.
RA =
0.5V
In
•
Vn
VOV
(1)
2. Choose RB to obtain the desired UV trip point
Once RA is known, RB is chosen to set the desired trip
point for the undervoltage monitor.
RB =
0.5V
In
•
Vn
VUV
–RA
(2)
3. Choose RC to complete the design
Once, RA and RB are known, RC is determined by:
RC =
Vn
In
–RA –RB
(3)
If any of the variables Vn, In, VUV or VOV change, then each
step must be recalculated.
Voltage Monitor Example
A typical voltage monitor application is shown in Figure 2.
The monitored voltage is a 5V ±10% supply. Nominal cur-
rent in the resistive divider is 10μA.
1. Find RA to set the OV trip point of the monitor.
RA =
0.5V
10µA
•
5V
5.5V
45.3k
2. Find RB to set the UV trip point of the monitor.
RB =
0.5V
10µA
•
5V
4.5V
– 45.3k 10.2k
3. Determine RC to complete the design.
RC =
5V
10µA
– 45.3k 10.2k 442k
Figure 1. 3-Resistor Positive UV/OV Monitoring Configuration
Figure 2. Typical Supply Monitor
+
– 0.5V
LTC2913
UVn
VHn
RC
RB
RA
2913 F01
Vn
VLn
OVn
VH1
RC
442k
RB
10.2k
RA
45.3k
VCC
GND
LTC2913
VL1
2913 F02
OV
UV
VCC
5V
V1
5V ±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com