Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC2913
6
2913fb
PIN FUNCTIONS
TMR (Pin 9): Reset Delay Timer. Attach an external capacitor
(CTMR) of at least 10pF to GND to set a reset delay time
of 9ms/nF. A 1nF capacitor will generate an 8.5ms reset
delay time. Tie TMR to VCC to bypass timer.
UV (Pin 7): Undervoltage Logic Output. Asserts low when
either VH input voltage is below threshold. Held low for a
programmed delay time after both VH inputs are valid. UV
has a weak pull-up to VCC and may be pulled above VCC
using an external pull-up. Leave UV open if unused.
VCC (Pin 10): Supply Voltage. Bypass this pin to GND with
a 0.1μF (or greater) capacitor. Operates as a direct supply
input for voltages up to 6V. Operates as a shunt regulator for
supply voltages greater than 6V and must have a resistance
between the pin and the supply to limit input current to no
greater than 10mA. When used without a current-limiting
resistance, VCC voltage must not exceed 6V.
VH1/VH2 (Pin 1/Pin 3): Voltage High Inputs 1 and 2. When
the voltage on this pin is below 0.5V, an undervoltage
condition is triggered. Tie pin to VCC if unused.
VL1/VL2 (Pin 2/Pin 4): Voltage Low Inputs 1 and 2. When
the voltage on this pin is above 0.5V, an overvoltage condi-
tion is triggered. Tie pin to GND if unused.
0.5V
4
VL2
3
VH2
2
VL1
1
VH1
+
–
UVLO
UVLO
2V
VCC
+
–
1V
VCC
OV PULSE
GENERATOR
DISABLE
DISABLE
OV LATCH
CLEAR/BYPASS
LTC2913-1
TMR
VCC
9
OV
6
LATCH
8
1V
2μA
DIS
8
GND
2913 BD
5
10
UV PULSE
GENERATOR
OSCILLATOR
VCC
400k
UV
7
400k
LTC2913-2
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com