Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 5 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2913
5
2913fb
UV Output Voltage vs VCC
UV, ISINK vs VCC
UV/OV Voltage Output Low vs
Output Sink Current
TYPICAL PERFORMANCE CHARACTERISTICS
Reset Timeout Period vs
Temperature
Reset Timeout Period vs
Capacitance
DIS (Pin 8, LTC2913-2): Output Disable Input. Disables
the OV and UV output pins. When DIS is pulled high, the
OV and UV pins are not asserted except during a UVLO
condition. DIS has a weak (2μA) internal pull-down to
GND. Leave DIS open if unused.
Exposed Pad (Pin 11, DFN Package): Exposed Pad may
be left open or connected to device ground.
GND (Pin 5): Device Ground.
LATCH (Pin 8, LTC2913-1): OV Latch Clear/Bypass Input.
When pin is pulled low, OV is latched when asserted. When
pulled high, OV latch is cleared. While held high, OV has
the same delay and output characteristics as UV.
OV (Pin 6): Overvoltage Logic Output. Asserts low when
either VL input voltage is above threshold. Latched low
(LTC2913-1). Held low for programmed delay time after
both VL inputs are valid (LTC2913-2). OV has a weak pull-
up to VCC and may be pulled above VCC using an external
pull-up. Leave OV open if unused.
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2913 G07
2
1
0
1
2
3
5
VHn = 0.55V
SEL = VCC
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2913 G08
2
1
0
1
2
3
5
UV AT 150mV
UV AT 50mV
VHn = 0.45V
SEL = VCC
IUV/OV (mA)
0
0
0.2
0.4
0.6
0.8
1.0
85°C
–40°C
25°C
5
10
15
20
2913 G09
25
30
TEMPERATURE (°C)
–50
6
7
8
9
10
12
–25
025
50
2913 G10
75
100
11
CTMR = 1nF
TMR PIN CAPACITANCE, CTMR (nF)
0.1
1
1
100
10000
10
100
1000
2913 G11
10
1000
Specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com