Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 2 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC2913
2
2913fb
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VCC (Note 3)............................................. –0.3V to 6V
OV, UV................................................... –0.3V to 16V
TMR.......................................... –0.3V to (VCC + 0.3V)
VHn, VLn, LATCH, DIS .......................... –0.3V to 7.5V
Terminal Currents
IVCC..................................................................+10mA
IUV, IOV...............................................................10mA
(Notes 1, 2)
1
2
3
4
5
VH1
VL1
VH2
VL2
GND
10
9
8
7
6
VCC
TMR
LATCH
UV
OV
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
TMR
LATCH
UV
OV
VH1
VL1
VH2
VL2
GND
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) PCB GND CONNECTION OPTIONAL
ORDER PART NUMBER
MS PART MARKING*
ORDER PART NUMBER
DD PART MARKING*
LTC2913CMS-1
LTC2913IMS-1
LTC2913HMS-1
LTCKK
LTCKK
LTCKK
LTC2913CDD-1
LTC2913IDD-1
LTC2913HDD-1
LCKN
LCKN
LCKN
1
2
3
4
5
VH1
VL1
VH2
VL2
GND
10
9
8
7
6
VCC
TMR
DIS
UV
OV
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 120°C/W
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
TMR
DIS
UV
OV
VH1
VL1
VH2
VL2
GND
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) PCB GND CONNECTION OPTIONAL
ORDER PART NUMBER
MS PART MARKING*
ORDER PART NUMBER
DD PART MARKING*
LTC2913CMS-2
LTC2913IMS-2
LTC2913HMS-2
LTCKM
LTCKM
LTCKM
LTC2913CDD-2
LTC2913IDD-2
LTC2913HDD-2
LCKP
LCKP
LCKP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container.
Operating Temperature Range
LTC2913C ................................................ 0°C to 70°C
LTC2913I.............................................. –40°C to 85°C
LTC2913H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C
PACKAGE/ORDER INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com