Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 4 Page - Linear Technology

  LTC2913 Datasheet HTML 1Page - Linear Technology LTC2913 Datasheet HTML 2Page - Linear Technology LTC2913 Datasheet HTML 3Page - Linear Technology LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2913
4
2913fb
Specifications are at TA = 25°C, VCC = 3.3V unless otherwise noted.
Supply Current vs Temperature
VCC Shunt Voltage
vs Temperature
VCC Shunt Voltage vs ICC
Typical Transient Duration
vs Comparator Overdrive
UV Output Voltage vs VCC
TEMPERATURE (°C)
–50
0.495
0.497
0.499
0.501
–25
0
25
50
2913 G01
75
0.503
0.505
0.496
0.498
0.500
0.502
0.504
100
TEMPERATURE (°C)
–50
25
30
40
50
–25
0
25
50
2913 G02
75
55
35
45
100
VCC = 5V
VCC = 3.3V
VCC = 2.3V
TEMPERATURE (°C)
–50
6.2
6.3
6.4
6.5
6.6
6.8
–25
025
50
2913 G03
75
100
6.7
10mA
5mA
2mA
1mA
200μA
ICC (mA)
–2
0
6.25
6.45
6.75
2
6
8
2913 G04
6.35
6.65
6.55
4
10
12
–40°C
25°C
85°C
COMPARATOR OVERDRIVE PAST THRESHOLD (%)
0.1
400
500
600
700
1
10
100
2913 G05
300
200
100
0
VCC = 2.3V
VCC = 6V
RESET OCCURS
ABOVE CURVE
SUPPLY VOLTAGE, VCC (V)
0
0.4
0.6
0.8
2913 G06
0.2
0
0.2
0.4
0.6
1.0
0.8
VCC
UV WITH
10k PULL-UP
UV WITHOUT
PULL-UP
TIMING DIAGRAMS
VHn Monitor Timing
VHn Monitor Timing (TMR Pin Strapped to VCC)
VLn Monitor Timing
VLn Monitor Timing (TMR Pin Strapped to VCC)
Input Threshold Voltage
vs Temperature
VHn
UV
VUOT
1V
tUOD
tUOTO
2913 TD01
VLn
OV
VUOT
1V
tUOD
tUOTO
2913 TD02
VHn
UV
VUOT
1V
tUOD
tUOD
2913 TD03
VLn
OV
VUOT
1V
tUOD
tUOD
2913 TD04
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com