Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2913
Description  Dual UV/OV Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 4Page - Linear Technology LTC2913 Datasheet HTML 5Page - Linear Technology LTC2913 Datasheet HTML 6Page - Linear Technology LTC2913 Datasheet HTML 7Page - Linear Technology LTC2913 Datasheet HTML 8Page - Linear Technology LTC2913 Datasheet HTML 9Page - Linear Technology LTC2913 Datasheet HTML 10Page - Linear Technology LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LTC2913
12
2913fb
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 1007 • REV B • PRINTED IN USA
TYPICAL APPLICATION
Dual UV/OV Supply Monitor with LED Undervoltage and Overvoltage Indicator and Manual
Undervoltage Reset Button, 10% Tolerance, 12V, 5V
PART NUMBER
DESCRIPTION
COMMENTS
LTC1326/
LTC1326-2.5
Micropower Precision Triple Supply Monitor for 5V/2.5V, 3.3V
and ADJ
4.725V, 3.118V, 1V Threshold (±0.75%)
LTC1726-2.5/
LTC1726-5
Micropower Triple Supply Monitor for 2.5V/5V, 3.3V and ADJ
Adjustable RESET and Watchdog Time-Outs
LTC1727-2.5/
LTC1727-5
Micropower Triple Supply Monitor with Open-Drain Reset
Individual Monitor Outputs in MSOP
LTC1728-1.8/
LTC1728-3.3
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1728-2.5/
LTC1728-5
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC1985-1.8
Micropower Triple Supply Monitor with Open-Drain Reset
5-Lead SOT-23 Package
LTC2900
Programmable Quad Supply Monitor
Adjustable RESET, 10-Lead MSOP and 3mm × 3mm
10-Lead DFN Package
LTC2901
Programmable Quad Supply Monitor
Adjustable RESET and Watchdog Timer, 16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable RESET and Tolerance, 16-Lead SSOP Package,
Margining Functions
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package, Ultralow Voltage Reset
LTC2904
3-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 Package
LTC2905
3-State Programmable Precision Dual Supply Monitor
Adjustable RESET and Tolerance, 8-Lead SOT-23 Package
LTC2906
Precision Dual Supply Monitor 1-Selectable and 1 Adjustable Separate VCC Pin, RST/RST Outputs
LTC2907
Precision Dual Supply Monitor 1-Selectable and 1 Adjustable Separate VCC, Adjustable Reset Timer
LTC2908
Precision Six Supply Monitor (Four Fixed & 2 Adjustable)
8-Lead SOT-23 and DFN Packages
LTC2909
Prevision Dual Input UV, OV and Negative Voltage Monitor
Separate VCC Pin, Adjustable Reset Timer, 8-Lead TSOT-23 and
DFN Packages
LTC2910
Octal Positive/Negative Voltage Monitor
Separate VCC Pin, Eight Inputs, Up to Two Negative Monitors
Adjustable Reset Timer, 16-Lead SSOP and DFN Packages
LTC2914
Quad UV/OV Positive/Negative Voltage Monitor
Separate VCC Pin, Four inputs, Up To Two Negative Monitors,
Adjustable Reset Timer, 16-Lead SSOP and DFN Packages
2.05M
10k
100k
510Ω
LED
1k
44.2k
VH1
VL1
VH2
GND
TMR
SYSTEM
POWER
SUPPLIES
VL2
OV
UV
2913 TA05
DIS
22nF
TIMEOUT = 200ms
4.53k
MANUAL
RESET BUTTON
(NORMALLY OPEN)
VCC
LTC2913-2
0.1μF
12V
5V
510Ω
LED
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com