Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3535 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 3Page - Linear Technology LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3535
7
3535fa
PIN FUNCTIONS
VOUT1 (Pin 1): Output Voltage Sense and Drain of the
Internal Synchronous Rectifier for Channel 1. PCB trace
length from VOUT1 to the output filter capacitor (4.7µF
minimum) should be as short and wide as possible.
SW1 (Pin 2): Switch Pin for Channel 1. Connect inductor
between SW1 and VIN1. Keep PCB trace lengths as short
and wide as possible to reduce EMI. If the inductor current
fallstozero,orSHDN1islow,aninternalanti-ringingswitch
is connected from SW1 to VIN1 to minimize EMI.
GND (Pins 3, 6, Exposed Pad Pin 13): Signal and Power
Ground. Provide a short direct PCB path between GND
and the (–) side of the input and output capacitors. The
exposed pad must be soldered to the PCB ground plane.
It serves as another ground connection and as a means
of conducting heat away from the die.
VOUT2 (Pin 4): Output Voltage Sense and Drain of the
Internal Synchronous Rectifier for Channel 2. PCB trace
length from VOUT2 to the output filter capacitor (4.7µF
minimum) should be as short and wide as possible.
SW2 (Pin 5): Switch Pin for Channel 2. Connect inductor
between SW2 and VIN2. Keep PCB trace lengths as short
and wide as possible to reduce EMI. If the inductor current
fallstozero,orSHDN2islow,aninternalanti-ringingswitch
is connected from SW2 to VIN2 to minimize EMI.
VIN2 (Pin 7): Battery Input Voltage for Channel 2. Connect
a minimum of 1µF ceramic decoupling capacitor from this
pin to ground.
SHDN2(Pin8):LogicControlledShutdownInputforChan-
nel 2. There is an internal 4MΩ pull-down on this pin.
SHDN = High: Normal operation.
SHDN = Low: Shutdown, quiescent current < 1µA.
FB2 (Pin 9): Feedback Input to the gm Error Amplifier of
Channel 2. Connect resistor divider tap to this pin. The
output voltage can be adjusted from 1.5V to 5.25V by:
VOUT = 1.195V × [1 +(R4/R3)]
VIN1(Pin10):BatteryInputVoltageforChannel1.Connect
a minimum of 1µF ceramic decoupling capacitor from this
pin to ground.
SHDN1(Pin11):LogicControlledShutdownInputforChan-
nel 1. There is an internal 4MΩ pull-down on this pin.
SHDN = High: Normal operation.
SHDN = Low: Shutdown, quiescent current < 1µA.
FB1 (Pin 12): Feedback Input to the gm Error Amplifier
of Channel 1. Connect resistor divider tap to this pin. The
output voltage can be adjusted from 1.5V to 5.25V by:
VOUT = 1.195V × [1 +(R2/R1)].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com