Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3535 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology LTC3535 Datasheet HTML 11Page - Linear Technology LTC3535 Datasheet HTML 12Page - Linear Technology LTC3535 Datasheet HTML 13Page - Linear Technology LTC3535 Datasheet HTML 14Page - Linear Technology LTC3535 Datasheet HTML 15Page - Linear Technology LTC3535 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3535
13
3535fa
APPLICATIONS INFORMATION
4.7µF to 10µF output capacitor is sufficient for most ap-
plications. Larger values may be used to obtain extremely
low output voltage ripple and improve transient response.
X5R and X7R dielectric materials are preferred for their
ability to maintain capacitance over wide voltage and
temperature ranges. Y5V types should not be used.
TheinternalloopcompensationoftheLTC3535isdesigned
tobestablewithoutputcapacitorvaluesof4.7µForgreater
(withouttheneedforanyexternalseriesresistor).Although
ceramic capacitors are recommended, low ESR tantalum
capacitors may be used as well.
A small ceramic capacitor in parallel with a larger tantalum
capacitormaybeusedindemandingapplicationsthathave
large load transients. Another method of improving the
transientresponseistoaddasmallfeed-forwardcapacitor
across the top resistor of the feedback divider (from VOUT
to FB). A typical value of 22pF will generally suffice.
Low ESR input capacitors reduce input switching noise
and reduce the peak current drawn from the battery. It
follows that ceramic capacitors are also a good choice
for input decoupling and should be located as close as
possible to the device. A 2.2µF input capacitor is sufficient
for most applications, although larger values may be
used without limitations. Table 2 shows a list of several
ceramiccapacitormanufacturers.Consultthemanufactur-
ers directly for detailed information on their selection of
ceramic capacitors.
Table 2. Capacitor Vendor Information
SUPPLIER
PHONE
WEBSITE
AVX
(803) 448-9411
www.avxcorp.com
Murata
(714) 852-2001
www.murata.com
Taiyo-Yuden
(408) 573-4150
www.t-yuden.com
TDK
(847) 803-6100
www.component.tdk.com
Samsung
(408) 544-5200
www.sem.samsung.com
TYPICAL APPLICATION
3535 TA02
4.7µH
VIN
0.8V
TO 1.5V
VOUT
3.3V
30mA
VHOLDUP
10µF
CHOLD*
0.47F
1M
4.25V
2.2µF
2.2µF
4.7µH
1.78M
392k
1M
1.5M
499k
SW
VIN1
LTC3535
VOUT1
VOUT2
FB1
FB2
SW2
GND
GND
SHDN1
VIN2
SHDN2
*POWERSTOR PA-5R0H474-R
+
Single Cell to 3.3V Converter with 20 Seconds of Holdup with 30mA Load
VIN
1V/DIV
VOUT
2V/DIV
5s/DIV
3535 TA02b
VHOLDUP
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com