Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3535 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 1 Page - Linear Technology

  LTC3535 Datasheet HTML 1Page - Linear Technology LTC3535 Datasheet HTML 2Page - Linear Technology LTC3535 Datasheet HTML 3Page - Linear Technology LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3535
1
3535fa
TYPICAL APPLICATION
DESCRIPTION
Dual Channel 550mA 1MHz
Synchronous Step-Up
DC/DC Converter
The LTC®3535 is a dual channel, synchronous, fixed fre-
quency step-up DC/DC converter with output disconnect.
Extended battery life in single AA/AAA powered products
is realized with a 680mV start-up voltage and operation
down to 500mV once started.
A switching frequency of 1MHz minimizes solution foot-
print by allowing the use of tiny, low profile inductors
and ceramic capacitors. The current mode PWM design
is internally compensated, reducing external parts count.
The LTC3535 features Burst Mode operation at light load
conditions allowing it to maintain high efficiency over a
wide range of load. Anti-ring circuitry reduces EMI by
damping the inductor in discontinuous mode. Additional
features include a low shutdown current of under 1µA and
thermal shutdown.
The LTC3535 is housed in a 3mm
× 3mm × 0.75mm
DFN package.
Efficiency vs Load Current
FEATURES
APPLICATIONS
n
Medical Instruments
n
Noise Canceling Headphones
n
Energy Harvesting
n
Bluetooth Headsets
n
Two Independent Step-Up Converters
n
Each Channel Delivers 3.3V at 100mA from a Single
Alkaline/NiMH Cell or 3.3V at 200mA from Two Cells
n
VIN Start-Up Voltage: 680mV
n
1.5V to 5.25V VOUT Range
n
Up to 94% Efficiency
n
Output Disconnect
n
1MHz Fixed Frequency Operation
n
VIN > VOUT Operation
n
Integrated Soft-Start
n
Current Mode Control with Internal Compensation
n
Burst Mode® Operation with 9µA IQ Each Channel
n
Internal Synchronous Rectifier
n
Logic Controlled Shutdown (IQ < 1µA)
n
Anti-Ring Control
n
Low Profile (3mm
× 3mm × 0.75mm)
12-Lead DFN Package
LOAD CURRENT (mA)
0.01
50
70
80
90
1000
3535 TA01b
20
30
40
60
0
10
0.1
1
10
100
100
VOUT = 3.3V
VIN = 1.2V
VOUT = 1.8V
3535 TA01
OFF ON
OFF ON
4.7µH
VIN
0.8V
TO 1.5V
VOUT1
1.8V
100mA
VOUT2
3.3V
50mA
10µF
10µF
511k
2.2µF
4.7µH
1M
1.78M
1M
SW1
VIN1
LTC3535
VOUT1
VOUT2
FB1
FB2
SW2
GND
GND
SHDN1
VIN2
SHDN2
L
, LT, LTC, LTM, Linear Technology, Burst Mode and the Linear logo are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.


Similar Part No. - LTC3535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3535 LINER-LTC3535 Datasheet
248Kb / 16P
Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3535EDD-PBF LINER-LTC3535EDD-PBF Datasheet
248Kb / 16P
Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3535EDD-TRPBF LINER-LTC3535EDD-TRPBF Datasheet
248Kb / 16P
Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3535

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3535 LINER-LTC3535 Datasheet
248Kb / 16P
Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
1A, 1MHz Synchronous Step-Up DC/DC Converters
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
600mA, 1MHz, Synchronous Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com