Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3535 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 3 Page - Linear Technology

  LTC3535 Datasheet HTML 1Page - Linear Technology LTC3535 Datasheet HTML 2Page - Linear Technology LTC3535 Datasheet HTML 3Page - Linear Technology LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3535
3
3535fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3535 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
(For each channel) The l denotes the specifications which apply over the specified
operating temperature range of –40°C to 85°C, otherwise specifications are at TA = 25°C. VIN = 1.2V, VOUT = 3.3V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Duty Cycle
VFB = 1.3V
l
0
%
Switching Frequency
l
0.75
1
1.25
MHz
SHDN Pin Input High Voltage
0.8
V
SHDN Pin Input Low Voltage
0.3
V
Note 4: Current measurements are made when the output is not switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 6: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
43°C/W.
TYPICAL PERFORMANCE CHARACTERISTICS (Each Channel) T
A = 25°C, unless otherwise noted.
Efficiency vs Load Current
and VIN for VOUT = 1.8V
Efficiency vs Load Current
and VIN for VOUT = 3.3V
No-Load Input Current vs VIN
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3535 G01
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.0V
VIN = 1.2V
VIN = 1.5V
POWER LOSS
EFFICIENCY
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3535 G02
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 1.8V
VIN = 2.4V
VIN = 3.0V
POWER LOSS
EFFICIENCY
VIN (V)
0.5
60
70
80
4.5
3535 G04
50
40
10
1.5
2.5
3.5
1.0
2.0
3.0
4.0
30
20
100
90
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com