Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3535 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3535 Datasheet HTML 2Page - Linear Technology LTC3535 Datasheet HTML 3Page - Linear Technology LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology LTC3535 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC3535
6
3535fa
TYPICAL PERFORMANCE CHARACTERISTICS (Each Channel) T
A = 25°C, unless otherwise noted.
Load Step Response
(from Burst Mode Operation)
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 1.2V
VOUT = 3.3V
50mA TO 100mA STEP
COUT = 10µF
3535 G21
VOUT
100mV/DIV
AC-COUPLED
LOAD
CURRENT
50mA/DIV
50µs/DIV
VIN = 1.2V
VOUT = 3.3V
5mA TO 100mA STEP
COUT = 10µF
3535 G22
VOUT
100mV/DIV
AC-COUPLED
Load Step Response
(from Burst Mode Operation)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 3.6V
VOUT = 5V
20mA TO 170mA STEP
COUT = 10µF
3535 G19
VOUT
100mV/DIV
AC-COUPLED
Load Step Response
(Fixed Frequency)
LOAD
CURRENT
50mA/DIV
100µs/DIV
VIN = 3.6V
VOUT = 5V
50mA TO 150mA STEP
COUT = 10µF
3535 G20
VOUT
100mV/DIV
AC-COUPLED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com