Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3535 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3535
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535 Datasheet(HTML) 4 Page - Linear Technology

  LTC3535 Datasheet HTML 1Page - Linear Technology LTC3535 Datasheet HTML 2Page - Linear Technology LTC3535 Datasheet HTML 3Page - Linear Technology LTC3535 Datasheet HTML 4Page - Linear Technology LTC3535 Datasheet HTML 5Page - Linear Technology LTC3535 Datasheet HTML 6Page - Linear Technology LTC3535 Datasheet HTML 7Page - Linear Technology LTC3535 Datasheet HTML 8Page - Linear Technology LTC3535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3535
4
3535fa
VIN (V)
1.0
0
10
30
40
50
100
70
2.0
3.0
3.5
3535 G07
20
80
90
60
1.5
2.5
4.0
4.5
VIN (V)
1
0
5
10
15
20
25
30
1.25
1.5
3535 G08a
ENTER BURST
LEAVE BURST
VOUT = 1.8V
L = 4.7µH
VIN (V)
1
15
20
25
3535 G08b
10
5
0
1.25
1.5
1.75
30
35
40
2
ENTER BURST
LEAVE BURST
VOUT = 2.5V
L = 4.7µH
VIN (V)
1.0
0
5
15
20
25
40
35
1.5
2.0
3535 G08c
10
30
2.5
3.0
ENTER BURST
LEAVE BURST
VOUT = 3.3V
L = 4.7µH
VIN (V)
1.0
40
50
2.5
3.5
3535 G08d
30
20
1.5
2.0
3.0
4.0
4.5
10
0
ENTER BURST
LEAVE BURST
VOUT = 5V
L = 4.7µH
VOUT (V)
1.5
1
2
3
3.0
4.0
3535 G09
0
–1
2.0
2.5
3.5
4.5
5.0
–2
–3
NORMALIZED TO VOUT = 3.3V
Oscillator Frequency Change
vs VOUT
Start-Up Delay Time vs VIN
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
Burst Mode Threshold Current
vs VIN
Efficiency vs Load Current
and VIN for VOUT = 5V
Maximum Output Current vs VIN
Minimum Load Resistance
During Start-Up vs VIN
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3535 G03
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
VIN = 1.2V
VIN = 2.4V
VIN = 3.6V
VIN = 4.2V
POWER LOSS
EFFICIENCY
VIN (V)
0.5
200
300
4.5
3535 G05
100
0
1.5
2.5
3.5
1.0
2.0
3.0
4.0
400
150
250
50
350
VOUT = 3.3V
VOUT = 5V
VOUT = 2.5V
VOUT = 1.8V
L = 4.7µH
VIN (V)
0.65
100
1000
10000
1.05
0.95
0.75
1.15
0.85
3526 G06
10
VOUT = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS (Each Channel) T
A = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com