Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 7Page - Linear Technology LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology LTC4232 Datasheet HTML 11Page - Linear Technology LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology LTC4232 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4232
11
4232fb
For more information www.linear.com/LTC4232
APPLICATIONS INFORMATION
Current Limit Adjustment
The default value of the active current limit is 5.6A. The
current limit threshold can be adjusted lower by placing
a resistor between the ISET pin and ground. As shown in
the Functional Diagram the voltage at the ISET pin (via
the clamp circuit) sets the CS amplifier’s built-in offset
voltage. This offset voltage directly determines the active
current limit value. With the ISET pin open, the voltage at
the ISET pin is determined by a positive temperature co-
efficient reference. This voltage is set to 0.618V at room
temperature which corresponds to a 5.6A current limit at
room temperature.
AnexternalresistorplacedbetweentheISETpinandground
forms a resistive divider with the internal 20k sourcing
resistor. The divider acts to lower the voltage at the ISET
pin and therefore lower the current limit threshold. The
overall current limit threshold precision is reduced to
±12% when using a 20k resistor to halve the threshold.
Using a switch (connected to ground) in series with this
external resistor allows the active current limit to change
only when the switch is closed. This feature can be used
when the start-up current exceeds the typical maximum
load current.
Monitor MOSFET Temperature
The voltage at the ISET pin increases linearly with increas-
ing temperature. The temperature profile of the ISET pin is
shown in the Typical Performance Characteristics section.
Using a comparator or ADC to measure the ISET voltage
provides an indicator of the MOSFET temperature.
There is an overtemperature circuit in the LTC4232 that
monitors an internal voltage similar to the ISET pin voltage.
When the die temperature exceeds 145°C the circuit turns
off the MOSFET until the temperature drops to 125°C.
Monitor MOSFET Current
The current in the MOSFET passes through a sense resis-
tor. The voltage on the sense resistor is converted to a
current that is sourced out of the IMON pin. The gain of
ISENSE amplifier is 20µA/A referenced from the MOSFET
current. This output current can be converted to a voltage
using an external resistor to drive a comparator or ADC.
The voltage compliance for the IMON pin is from 0V to
INTVCC – 0.7V.
A microcontroller with a built-in comparator can build a
simple integrating single-slope ADC by resetting a capaci-
tor that is charged with this current. When the capacitor
voltage trips the comparator and the capacitor is reset, a
timer is started. The time between resets will indicate the
MOSFET current.
Monitor OV and UV Faults
Protecting the load from an overvoltage condition is the
main function of the OV pin. In Figure 1 an external resis-
tive divider (driving the OV pin) connects to a comparator
to turn off the MOSFET when the VDD voltage exceeds
15.2V. If the VDD pin subsequently falls back below 14.9V,
the switch will be allowed to turn on immediately. In the
LTC4232 the OV pin threshold is 1.235V when rising, and
1.215V when falling out of overvoltage.
The UV pin functions as an undervoltage protection pin
or as an “ON” pin. In the Figure 1 application the MOSFET
turns off when VDD falls below 9.23V. If the VDD pin sub-
sequently rises above 9.88V for 100ms, the switch will
be allowed to turn on again. The LTC4232 UV turn-on/off
thresholds are 1.235V (rising) and 1.155V (falling).
InthecasesofanundervoltageorovervoltagetheMOSFET
turns off and there is indication on the PG status pin. When
the overvoltage is removed the MOSFET’s gate ramps up
immediately at the rate determined by the INRUSH block.
Figure 4. Short-Circuit Waveform
∆VGATE
10V/DIV
IOUT
2A/DIV
VOUT
10V/DIV
TIMER
2V/DIV
1ms/DIV
4232 F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com