Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 4 Page - Linear Technology

  LTC4232 Datasheet HTML 1Page - Linear Technology LTC4232 Datasheet HTML 2Page - Linear Technology LTC4232 Datasheet HTML 3Page - Linear Technology LTC4232 Datasheet HTML 4Page - Linear Technology LTC4232 Datasheet HTML 5Page - Linear Technology LTC4232 Datasheet HTML 6Page - Linear Technology LTC4232 Datasheet HTML 7Page - Linear Technology LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4232
4
4232fb
For more information www.linear.com/LTC4232
TEMPERATURE (°C)
–50
22
21
20
19
18
–25
0
25
4232 G09
50
75
100
FB VOLTAGE (V)
6
5
4
3
2
1
0
4232 G07
0
0.2
0.4
0.6
0.8
1.0
1.2
ISET OPEN
RSET (Ω)
1k
6
5
4
3
2
1
0
10k
100k
4232 G08
1M
10M
TEMPERATURE (°C)
–50
0.10
0.08
0.06
0.04
–25
0
25
4232 G04
50
75
100
TEMPERATURE (°C)
–50
–110
–105
–100
–95
–90
–25
0
25
4232 G05
50
75
100
TEMPERATURE (°C)
–50
1.234
1.232
1.230
1.228
1.226
–25
0
25
4232 G03
50
75
100
VDD (V)
0
1.0
1.2
1.4
1.6
1.8
2.0
5
10
15
20
4232 G01
25
30
–40°C
25°C
85°C
ILOAD (mA)
0
0
0.5
1.5
1.0
3.5
2.0
2.5
3.0
4232 G02
–14
–12
–10
–8
–6
–4
–2
VDD = 5V
VDD = 3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
IDD vs VDD
INTVCC Load Regulation
UV Low-High Threshold
vs Temperature
UV Hysteresis vs Temperature
Timer Pull-Up Current
vs Temperature
Current Limit Delay
(tPHL(ILIM) vs Overdrive)
Current Limit Threshold Foldback
Current Limit Adjustment
(IOUT vs RSET)
ISET Resistor vs Temperature
TA = 25°C, VDD = 12V unless otherwise noted.
OUTPUT CURRENT (A)
0
1000
100
10
1
0.1
10
4232 G06
20
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com