Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 5 Page - Linear Technology

  LTC4232 Datasheet HTML 1Page - Linear Technology LTC4232 Datasheet HTML 2Page - Linear Technology LTC4232 Datasheet HTML 3Page - Linear Technology LTC4232 Datasheet HTML 4Page - Linear Technology LTC4232 Datasheet HTML 5Page - Linear Technology LTC4232 Datasheet HTML 6Page - Linear Technology LTC4232 Datasheet HTML 7Page - Linear Technology LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4232
5
4232fb
For more information www.linear.com/LTC4232
TEMPERATURE (°C)
–50
0.9
0.8
0.7
0.6
0.5
0.4
0.3
–25
0
25
4232 G18
50
75
150
125
100
TEMPERATURE (°C)
–50
105
100
95
90
85
80
–25
0
25
4232 G13
50
75
100
VDD = 3.3V, 12V
ILOAD = 5A
TEMPERATURE (°C)
–50
–26.0
–25.5
–25.0
–24.5
–24.0
–25
0
25
4232 G14
50
75
100
IGATE (µA)
0
0
7
6
5
4
3
2
1
–5
–10
–15
–20
4232 G15
–25
–30
VDD = 12V
VDD = 3.3V
VDD (V)
0
6.2
6.0
5.8
5.6
5.4
5.2
5
10
15
4232 G16
20
25
30
TEMPERATURE (°C)
–50
6.15
6.14
6.13
6.12
6.11
6.10
–25
0
25
4232 G17
50
75
100
CURRENT (mA)
0
0
14
12
10
8
6
4
2
2
4
6
8
4232 G12
10
12
FLT
PG
TEMPERATURE (°C)
–50
60
50
40
30
20
10
0
–25
0
25
4232 G10
50
75
100
VDD = 3.3V, 12V
VDS (V)
0.1
0.01
0.1
1
10
1
10
100
4232 G11
TA = 25°C
MULTIPLE PULSE
DUTY CYCLE = 0.2
DC
10s
100ms
10ms
1ms
1s
TYPICAL PERFORMANCE CHARACTERISTICS
RON vs VDD and Temperature
MOSFET SOA Curve
IMON vs Temperature and VDD
Gate Pull-Up Current
vs Gate Drive
PG, FLT Output Low Voltage
vs Current
TA = 25°C, VDD = 12V unless otherwise noted.
GATE Pull-Up Current
vs Temperature
Gate Drive vs VDD
Gate Drive vs Temperature
VISET vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com