Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology LTC4232 Datasheet HTML 11Page - Linear Technology LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology LTC4232 Datasheet HTML 15Page - Linear Technology LTC4232 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4232
16
4232fb
For more information www.linear.com/LTC4232
LINEAR TECHNOLOGY CORPORATION 2011
LT 0415 REV B • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
3.3V, 5A Card Resident Application with Auto-Retry
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
Dual Channel Hot Swap Controller
Operates from 3V to 12V, Supports –12V, SSOP-24
LTC1422
Single Channel Hot Swap Controller
Operates from 2.7V to 12V, SO-8
LTC1642A
Single Channel Hot Swap Controller
Operates from 3V to 16.5V, Overvoltage Protection Up to 33V, SSOP-16
LTC1645
Dual Channel Hot Swap Controller
Operates from 3V to 12V, Power Sequencing, SO-8 or SO-14
LTC1647-1/LTC1647-2/
LTC1647-3
Dual Channel Hot Swap Controller
Operates from 2.7V to 16.5V, SO-8 or SSOP-16
LTC4210
Single Channel Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, SOT23-6
LTC4211
Single Channel Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control, MSOP-8 or MSOP-10
LTC4212
Single Channel Hot Swap Controller
Operates from 2.5V to 16.5V, Power-Up Timeout, MSOP-10
LTC4214
Negative Voltage Hot Swap Controller
Operates from 0V to –16V, MSOP-10
LTC4215
Hot Swap Controller with I2C Compatible
Monitoring
Operates from 2.9V to 15V, 8-Bit ADC Monitors Current and Voltage
LTC4217
2A Integrated Hot Swap Controller
Operates from 2.9V to 26.5V, Adjustable 5% Accurate Current Limit
LTC4218
Hot Swap Controller with 5% Accurate
(15mV) Current Limit
Operates from 2.9V to 26.5V, Adjustable Current Limit, SSOP-16, DFN-16
LTC4219
5A Integrated Hot Swap Controller
12V and 5V Preset Versions, 10% Accurate Current Limit
LT4220
Positive and Negative Voltage Dual
Channel, Hot Swap Controller
Operates from ±2.7V to ±16.5V, SSOP-16
LTC4221
Dual Hot Swap Controller/Sequencer
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4230
Triple Channel Hot Swap Controller
Operates from 1.7V to 16.5V, Multifunction Current Control, SSOP-20
LTC4227
Dual Ideal Diode and Single Hot Swap
Controller
Operates from 2.9V to 18V, PowerPath™ and Inrush Current Control for
Redundant Supplies
LTC4228
Dual Ideal Diode and Hot Swap
Controller
Operates from 2.9V to 18V, PowerPath and Inrush Current Control for Two Rails,
MicroTCA, Redundant Power Supplies, and Supply Holdup Applications
R4
14.7k
R5
10k
R1
17.4k
ADC
R2
3.16k
C1
1µF
R3
10k
3.3V
RMON
20k
4232 TA02
CL
100µF
VDD
UV
OUT
FB
PG
GND
IMON
LTC4232DHC
OV
INTVCC
TIMER
FLT
+
VOUT
3.3V
5A
R7
10k
ISET
GATE
Z1
Z1: DIODES INC. SMAJ22A
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC4232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com