Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology LTC4232 Datasheet HTML 11Page - Linear Technology LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology LTC4232 Datasheet HTML 15Page - Linear Technology LTC4232 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
LTC4232
15
4232fb
For more information www.linear.com/LTC4232
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
12/12
Modifications to application drawings
1, 9, 12, 13, 16
Updated conditions on ILIM(TH), IIN, VTH, VOL, IOH
2, 3
Switched MIN / MAX values for ITIMER(UP) and IGATE(UP)
3
Changed formula in Note 5 to use θJA 46°C/W
3
Added test condition to Current Limit Threshold Foldback graph, G07
4
Updated title and axes on G12
5
Updated INTVCC voltage to 3.1V
6
B
04/15
Typical Application, Figure 5 and Figure 7: Added SMAJ22A (Z1); updated C1 value
1, 12, 13, 16
Raised IGATE(DN) maximum from 340µA to 400µA
3
Updated TPCs G08, G11
4, 5
INTVCC Pin Function: Raised bypass capacitor value from 0.1µF to 1µF
6
ISET Pin Function: Recommended minimum resistor value to be 2k
6
Figure 1: Added Z1, CCOMP; updated C1, RGATE
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com