Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4232 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4232
Description  5A Integrated Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4232 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4232 Datasheet HTML 8Page - Linear Technology LTC4232 Datasheet HTML 9Page - Linear Technology LTC4232 Datasheet HTML 10Page - Linear Technology LTC4232 Datasheet HTML 11Page - Linear Technology LTC4232 Datasheet HTML 12Page - Linear Technology LTC4232 Datasheet HTML 13Page - Linear Technology LTC4232 Datasheet HTML 14Page - Linear Technology LTC4232 Datasheet HTML 15Page - Linear Technology LTC4232 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4232
13
4232fb
For more information www.linear.com/LTC4232
APPLICATIONS INFORMATION
There are two VDD pins on opposite sides of the package
that connect to the sense resistor and MOSFET. The PCB
layout should be balanced and symmetrical to each VDD
pin to balance current in the MOSFET bond wires. Figure 6
shows a recommended layout for the LTC4232.
Although the MOSFET is self protected from overtem-
perature, it is recommended to solder the backside of the
package to a copper trace to provide a good heat sink. Note
that the backside is connected to the SENSE pin and can-
not be soldered to the ground plane. During normal loads
the power dissipated in the MOSFET is as high as 1.9W.
A 10mm × 10mm area of 1oz copper should be sufficient.
This area of copper can be divided in many layers.
It is also important to put C1, the bypass capacitor for
the INTVCC pin as close as possible between the INTVCC
and GND.
4232 F06
HEAT SINK
VIA TO
SINK
GND
C
OUT
VDD
Figure 6. Recommended Layout
Figure 7. 12V, 5A Backplane Resident Application with Insertion Activated Turn-On
Additional Applications
TheLTC4232hasawideoperatingrangefrom2.9Vto15V.
The UV, OV and PG thresholds are set with few resistors.
All other functions are independent of supply voltage.
In addition to Hot Swap applications, the LTC4232 also
functions as a backplane resident switch for removable
load cards (see Figure 7.)
Thelastpageshowsa3.3VapplicationwithaUVthreshold
of 2.87V, an OV threshold of 3.77V and a PG threshold
of 3.05V.
R5
150k
R6
20k
C1
1µF
RMON
20k
4232 F07
VDD
PG
OUT
FB
UV
GND
IMON
ISET
GATE
LTC4232DHC
OV
INTVCC
TIMER
FLT
VOUT
12V
5A
12V
R7
10k
R1
226k
R2
20k
12V
R4
20k
R3
140k
LOAD
ADC
Z1
Z1: DIODES INC. SMAJ22A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com