Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2156 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2156 Datasheet HTML 7Page - STMicroelectronics AN2156 Datasheet HTML 8Page - STMicroelectronics AN2156 Datasheet HTML 9Page - STMicroelectronics AN2156 Datasheet HTML 10Page - STMicroelectronics AN2156 Datasheet HTML 11Page - STMicroelectronics AN2156 Datasheet HTML 12Page - STMicroelectronics AN2156 Datasheet HTML 13Page - STMicroelectronics AN2156 Datasheet HTML 14Page - STMicroelectronics AN2156 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN2156
4 - Boot management
11/24
Figure 9.
SystemMemory Boot mode development circuitry example
4.2
Test mode
The TST pin must always be connected to GND to disable testmode. Testmode is ST’s
reserved mode and must never be used by the application.
Figure 10. TST pin connection
SW0: 1-3 & SW1:1-3 User Boot Mode 1
SW0: 2-3 & SW1:1-3 User Boot Mode 2
SW0: 1-3 & SW1:2-3 SystemMemory Boot Mode
SW0: 2-3 & SW1:2-3 Reserved
VCC
nRSTIN
SW1
M1
2
1
3
2.2nF
C1
R1
47k
10K
R3
SW0
M0
2
1
3
VCC
TST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com