Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2156 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2156 Datasheet HTML 10Page - STMicroelectronics AN2156 Datasheet HTML 11Page - STMicroelectronics AN2156 Datasheet HTML 12Page - STMicroelectronics AN2156 Datasheet HTML 13Page - STMicroelectronics AN2156 Datasheet HTML 14Page - STMicroelectronics AN2156 Datasheet HTML 15Page - STMicroelectronics AN2156 Datasheet HTML 16Page - STMicroelectronics AN2156 Datasheet HTML 17Page - STMicroelectronics AN2156 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
5 - Debug management
AN2156
14/24
All signals should be made accessible at least as testpoints that can then be fed via some
needle adaptors to the ARM standard JTAG connector. If cost and space allow, the connector
can also be directly put on the target PCB. The connector is a standard two row, 20-pin header
connector with a pitch of 0.1 inch / 2.54 mm and should have a collar to avoid incorrect
mounting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com