Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2156 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2156 Datasheet HTML 1Page - STMicroelectronics AN2156 Datasheet HTML 2Page - STMicroelectronics AN2156 Datasheet HTML 3Page - STMicroelectronics AN2156 Datasheet HTML 4Page - STMicroelectronics AN2156 Datasheet HTML 5Page - STMicroelectronics AN2156 Datasheet HTML 6Page - STMicroelectronics AN2156 Datasheet HTML 7Page - STMicroelectronics AN2156 Datasheet HTML 8Page - STMicroelectronics AN2156 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN2156
1 - Power management
5/24
Figure 2.
VDDA/VSSA decoupling with an X7R ceramic capacitor
1.3
Decoupling of the internal voltage regulator V18
All existing STR73x derivates are supplied with a single external voltage of 5V. The additional
voltages needed are generated by internal charge pump circuits for the flash programming/
erasing and an internal linear voltage regulator which provides the 1.8V for the internal logic.
The output of the internal voltage regulator is connected to one or two pins V18, where an
external capacitance needs to be connected for decoupling/stabilization between the V18 pin
and VSS/GND. There are two important notes:
1.
V18 is probably the most critical pin regarding EMC emissions. Therefore the external
capacitor(s) must be placed as close as possible (few mm) to the V18/VSS pair(s) or
below on the other side of the PCB. If this is done, a very good EMC performance can be
achieved.
2.
Depending on the device, different capacitances are needed. The values mainly depend
on the type of the internal voltage regulator used. Please refer to the tables below which
cover the devices available or planned at the time of writing. In case of future devices
which are not covered by this application note please refer to the datasheet or contact your
support engineer.
The figure below shows the two affected pins (V18 and VBias) of the TQFP144 package as well
as the TQFP100 package. In order to support all devices with a single PCB design, it is
necessary to provide on both pins footprints for 10µF tantalum and 47-100nF ceramic
capacitors. The footprint for the ceramic capacitor on pin 64 should be reusable to be soldered
with a resistor instead for the biasing functionality. This may be achieved with 0805 or 0603
SMD footprints. Please refer to the tables below for the different component values and
assembly options depending upon the device derivate.
C1 = 47 to 100nF X7R ceramic capacitor
U1 = Murata NFM18PC105R0J3 – 1uF
VDDA
VSSA
C1
U1
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com