Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2156 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2156 Datasheet HTML 12Page - STMicroelectronics AN2156 Datasheet HTML 13Page - STMicroelectronics AN2156 Datasheet HTML 14Page - STMicroelectronics AN2156 Datasheet HTML 15Page - STMicroelectronics AN2156 Datasheet HTML 16Page - STMicroelectronics AN2156 Datasheet HTML 17Page - STMicroelectronics AN2156 Datasheet HTML 18Page - STMicroelectronics AN2156 Datasheet HTML 19Page - STMicroelectronics AN2156 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
6 - Reference design
AN2156
16/24
6.7
CAN interface
A general purpose, asynchronous serial I/O data port connected through a 9-pin D-type male
connector with micro switches selectable between High or Low bus output S702, and between
Standby or Slope control S50.
For more details, refer to the CAN transceiver L9616 datasheet.
6.8
RS232 serial interface
A general purpose, asynchronous serial I/O data port connected through a 9-pin D-type male
connector.
RS232 connects directly to UART0, transmit and receive only (null modem).
RTS is shorted to CTS and DTR is shorted to DSR at the connector.
For more details, refer to the RS232 transceiver ST3232 datasheet.
6.9
Serial ROM
6.9.1
SPI EEPROM
8 Kbit SPI serial EEPROM connected to the buffered serial peripheral interface (BSPI). Switch
S41 is used to enable or disable write protect (pull down = Write protect, pull up = Write
enabled).
For more details, refer to the SPI EEPROM M95080 datasheet.
6.9.2
I2C EEPROM:
8 Kbit EEPROM connected to the I2C0 interface, Switch S40 is used to enable or disable write
protect (pull down = Write protect, pull up = Write enabled).
For more details, refer to the I2C EEPROM M24C08 datasheet.
The values R43 and R45 depend essentially on the I2C communication speed.
For more details on theses values, please refer to the STR73x Reference Manual.
6.10
JTAG interface
Refer to the Section 5: Debug management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com