Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2156 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2156 Datasheet HTML 8Page - STMicroelectronics AN2156 Datasheet HTML 9Page - STMicroelectronics AN2156 Datasheet HTML 10Page - STMicroelectronics AN2156 Datasheet HTML 11Page - STMicroelectronics AN2156 Datasheet HTML 12Page - STMicroelectronics AN2156 Datasheet HTML 13Page - STMicroelectronics AN2156 Datasheet HTML 14Page - STMicroelectronics AN2156 Datasheet HTML 15Page - STMicroelectronics AN2156 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
5 - Debug management
AN2156
12/24
5
Debug management
5.1
JTAG debug port pins
The JTAG interface is a special synchronous serial port and provides access to the internal
scanchains and the debug logic. Some of these scanchains are around the ARM core and the
Embedded ICE Unit. With these it is possible to insert data into and read from the processor’s
pipeline, to program breakpoints and watchpoints and to control the debugging.
Since the JTAG port is an integral part of the ARM core it is available on every device and thus
also allows in-system debugging and in-system flash-programming directly in the target
application. The JTAG interface pins consist of the following signals:
Table 3.
JTAG interface signals
Std name
STR73x name
Direction/Description
Function
nTRST
JTRST
Test Reset (from JTAG
equipment)
This active LOW open-collector is used to
reset the JTAG port and the associated
debug circuitry. It is asserted at power-up by
each module, and can be driven by the JTAG
equipment.
TDI
JTDI
Test data in (from JTAG
equipment)
TDI goes down the stack of modules to the
motherboard and then back up the stack,
labelled TDO, connecting to each
component in the scan chain.
TMS
JTMS
Test mode select (from
JTAG equipment)
TMS controls transitions in the tap controller
state machine. TMS connects to all JTAG
components in the scan chain as the signal
flows down the module stack.
TCK
JTCK
Test clock (from JTAG
equipment)
TCK synchronizes all JTAG transactions.
TCK connects to all JTAG components in the
scan chain. Series termination resistors are
used to reduce reflections and maintain
good signal integrity. TCK flows down the
stack of modules and connects to each
JTAG component. However, if there is a
device in the scan chain that synchronizes
TCK to some other clock, then all down-
stream devices are connected to the RTCK
signal on that component.
RTCK
GND
(not used)
Return TCK (to JTAG
equipment)
Some devices sample TCK (for example a
synthesizable core with only one clock), and
this has the effect of delaying the time that a
component actually captures data. Using a
mechanism called adaptive clocking, the
RTCK signal is returned by the core to the
JTAG equipment, and the clock is not
advanced until the core had captured the
data. In adaptive clocking mode, the
debugging equipment waits for an edge on
RTCK before changing TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com