Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2156 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2156
Description  STR73x Hardware Getting Started
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2156 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2156 Datasheet HTML 9Page - STMicroelectronics AN2156 Datasheet HTML 10Page - STMicroelectronics AN2156 Datasheet HTML 11Page - STMicroelectronics AN2156 Datasheet HTML 12Page - STMicroelectronics AN2156 Datasheet HTML 13Page - STMicroelectronics AN2156 Datasheet HTML 14Page - STMicroelectronics AN2156 Datasheet HTML 15Page - STMicroelectronics AN2156 Datasheet HTML 16Page - STMicroelectronics AN2156 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AN2156
5 - Debug management
13/24
The JTAG input signals have weak internal pull-up and pull-down resistors, but these are not
always active:
When debug protection is activated (JTAG permanently held in reset internally)
At power up and down there may be a short duration where the power on reset is already
released internally, but where the resistors are not yet active.
To avoid any floating input pins even for a very short period it is highly recommended to always
provide additional external pull-up and pull-down resistors. This recommendation is valid
whether the JTAG port is used or not.
The following table shows the recommended values and types:
Table 4.
Recommended JTAG debug port components
To connect the target with a debugger some additional signals are needed, mainly the System
Reset nRSTIN, so that the debugger can also reset the whole MCU, not only the JTAG part.
nRSTIN should be an open collector so that the different reset sources (power-on reset
circuitry, ext. watchdog if available and the JTAG equipment/Debugger) can be connected
together. The Debugger itself will also monitor the level on nRSTIN, so that it recognizes when
a reset is forced by some other circuitry.
Finally the target supply voltage must be provided so that the Debugger may adapt voltage
levels appropriately.
TDO
JTDO
Test data out (to JTAG
equipment)
TDO is the return path of the data input
signal TDI.
nSRST
nRSTIN
System reset
(bidirectional)
nSRST is an active LOW open-collector
signal that can be driven by the JTAG
equipment to reset the target board. Some
JTAG equipment senses this line to
determine when a board has been reset by
the user.
When the signal is driven LOW by the reset
controller on the core module, the
motherboard resets the whole system by
driving nSYSRST low.
DBGRQ
GND
(not used)
Debug request (from
JTAG equipment)
DBGRQ is a request for the processor core
to enter debug state.
DBGACK
GND
(not used)
Debug acknowledge (to
JTAG equipment)
DBGACK indicates to the debugger that the
processor core has entered debug mode.
Signal name
Recommended external
Resistor type
Recommended value
JTCK
Pull-down between pin and VSS/
GND
10k
JTDI
Pull-up between pin and VDD/
VCC
10k
JTDO
Output, no resistor needed
N.A.
JTMS
Pull-up between pin and VDD/
VCC
10k
JTRST
Pull-down (*) between pin and
VSS/GND
10k
Std name
STR73x name
Direction/Description
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com