Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2281 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 19Page - STMicroelectronics AN2281 Datasheet HTML 20Page - STMicroelectronics AN2281 Datasheet HTML 21Page - STMicroelectronics AN2281 Datasheet HTML 22Page - STMicroelectronics AN2281 Datasheet HTML 23Page - STMicroelectronics AN2281 Datasheet HTML 24Page - STMicroelectronics AN2281 Datasheet HTML 25Page - STMicroelectronics AN2281 Datasheet HTML 26Page - STMicroelectronics AN2281 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
AN2281
Getting started with the ST7FLITE35-based PMAC motor control system
23/38
Two different sets of compiler and linker options (Debug and Release) can be handled by
the tool depending on the development stage.
6.4
How to set the library parameters to run a PMAC motor for
the first time
To run a 12V PMAC motor with the motor control system described in this document, you
first need do some configuration to the software library. In the PMAC_Param.h header file,
set the number of motor pole pairs in the command line
#define POLES_PAIRS_NUMBER
x
Then, you need to find out the optimum phase angle (an oscilloscope with a current probe
is necessary). To do this, you should:
●
Enable the tuning of phase angle via the Pot2 potentiometer and set the minimum and
maximum angle respectively at 0 and 360°:
#define MIN_PHASE
(u16)
0
//in 1/65535 unit
180° <=> 32768
#define MAX_PHASE
(u16)
65535
//in 1/65535 unit
180° <=> 32768
●
Select open loop driving mode using this define:
#define DRIVING_MODE
OPEN_LOOP
and setting the minimum and maximum voltages between 0% and 100%:
#define MAX_VOLTAGE 255
#define MIN_VOLTAGE
0
●
Disable V/F curve limitation
●
Disable the rotor alignment phase
●
Configure the start-up phase parameters, initially disabling the alignment phase and
fixing the ramp-up parameters as follows:
#define START_SPEED
400
//in rpm
#define START_UP_DURATION
500
// in msec
#define START_VOLT
25
// in 1/255 unit
#define FIN_VOLT
130
//
in 1/255 unit
●
Adjust potentiometer Pot1 to about 50%
After you have made these settings, you should compile the software library and program
the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com