Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2281 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2281 Datasheet HTML 1Page - STMicroelectronics AN2281 Datasheet HTML 2Page - STMicroelectronics AN2281 Datasheet HTML 3Page - STMicroelectronics AN2281 Datasheet HTML 4Page - STMicroelectronics AN2281 Datasheet HTML 5Page - STMicroelectronics AN2281 Datasheet HTML 6Page - STMicroelectronics AN2281 Datasheet HTML 7Page - STMicroelectronics AN2281 Datasheet HTML 8Page - STMicroelectronics AN2281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AN2281
PMAC motor control basics
5/38
2
PMAC motor control basics
PMAC machines are synchronous so the average torque can be produced only when the
excitation is synchronized with the rotor frequency and instantaneous position. By
continuously detecting the rotor angular position and rotational speed, the excitation can be
properly switched among the PMAC motor phases in exact synchronism with the rotor
motion.
This concept, commonly known as self-synchronization, uses direct feedback of the rotor
angular position to ensure that the PMAC machine never loses synchronization. Generally,
Hall sensors are used to get information about the angular position of rotor, detecting the
magnetic field direction generated by the rotor. In particular, the usage of only one sensor is
supported with the system presented in this document.
Figure 3 shows the block diagram of the PMAC self-synchronization algorithm implemented
in the software library.
Figure 3.
PMAC motor control basics: the block diagram
Each of the three phases of the motor is supplied by a sinusoidal waveform whose
frequency, amplitude and phase have been respectively indicated with f, A* and
Φ.
Every time an Hall sensor signal transition occurs, the algorithm estimates the rotor
frequency f* and utilizes this value as statorical frequency (f) for the successive electrical
semi-period. Meanwhile, the phase of the sine wave is also updated and set equal to phase
angle
Φ or Φ+π depending on the Hall sensor edge transition (rising or falling). Generally, for
a large operating speed range, the proper value of
Φ is strongly dependent on the motor
speed affecting the driving efficiency. The provided library allows you to set the optimum
Φ
as a linear function of the speed (in rpm).
Since there are no direct information on current and torque, a V/F limitation has also been
implemented in order to allow you to limit the maximum flowing current for a given speed.
Phase
synchronization
Rotor Position
Phase angle
optimization
A
V/F
Limitation
A*
f
f=f*
f*
Motor
Hall
sensor
Φ
A* sin(2
πf+Φ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com