Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2281 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 27Page - STMicroelectronics AN2281 Datasheet HTML 28Page - STMicroelectronics AN2281 Datasheet HTML 29Page - STMicroelectronics AN2281 Datasheet HTML 30Page - STMicroelectronics AN2281 Datasheet HTML 31Page - STMicroelectronics AN2281 Datasheet HTML 32Page - STMicroelectronics AN2281 Datasheet HTML 33Page - STMicroelectronics AN2281 Datasheet HTML 34Page - STMicroelectronics AN2281 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
AN2281
List of software functions and interrupt service routines
31/38
Appendix A
List of software functions and interrupt
service routines
My_functions.c Module
Set_Spinning_Direction
Soft_Start
DoRotorAlignment
DoMotorControl
Description:
This function allows you to set the rotation direction of the motor before the
start-up procedure
Input:
Value CW or CCW ("direction" type has been defined in My_functions.h
header file)
Returns:
None
Caution:
This function must be called when the motor is stopped, before the start-up
procedure. Calling the function while the motor is running could cause
damage to the motor.
Description:
This function carries out a soft motor start up by performing a linear
increase of the three-phase sinusoidal voltage.
Input:
None
Returns:
None
See also::
Start-up procedure description in Section 5.2
Note:
start_up_on_going variable is equal to 1 if soft start is on-going, 0 if it is
over.
Description:
This function performs the rotor alignment by exciting the motor phase W
(see Figure 9) and keeping the other two at ground
Input:
None
Returns:
None
Caution:
The function is compiled only if rotor alignment phase is enabled
Duration:
~ ALIGNMENT_DURATION.
See also::
Start-up procedure description in Section 5.2
Description:
This function performs a closed loop speed control. It utilizes a PI
(proportional and integral) regulation algorithm to determine the most
appropriate voltage value to get the expected rotor speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com