Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2281 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 28Page - STMicroelectronics AN2281 Datasheet HTML 29Page - STMicroelectronics AN2281 Datasheet HTML 30Page - STMicroelectronics AN2281 Datasheet HTML 31Page - STMicroelectronics AN2281 Datasheet HTML 32Page - STMicroelectronics AN2281 Datasheet HTML 33Page - STMicroelectronics AN2281 Datasheet HTML 34Page - STMicroelectronics AN2281 Datasheet HTML 35Page - STMicroelectronics AN2281 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
List of software functions and interrupt service routines
AN2281
32/38
Get_Rotor_Freq
Freq_computing
Input:
Target speed in u16 format. Data returned by Get_Target_Speed function
can be directly used as input data
Returns:
None
Caution:
The function is compiled only if closed loop driving mode is defined.
Duration:
The PI routine average execution time is strongly dependent on the error
between actual and target speed. In worst-case conditions (high error), the
routine duration is equal to 157 µsec.
See also::
Section 5.2.4
Description:
This function computes the stator frequency to be applied to the motor. At
start-up, the function returns the stator frequency initialization value. As
soon as the first valid Hall sensor semi-period measurement has been
performed and until the fourth semi-period measurement has been
completed, the function returns the last measured rotor frequency. After the
fourth semi-period measurement has been carried out, the average rotor
frequency (based on last 4 measurements) is returned.
Input:
None
Returns:
Stator frequency with 0.1192Hz resolution.
Duration:
222 µsec in steady state
Description:
This function is called by Get_Rotor_Freq function, it performs the division
for converting the Hall sensor signal semi-period measurements into a
frequency (0x3FFFF/period).
Input:
Hall sensor semi-period (u16 format with 16µsec resolution).
Returns:
Electrical frequency, defined by the formula:
Electrical frequency = Rotor speed (in rpm)* Number of Pole pairs/60
with 0.1192Hz resolution.
Duration:
204 µsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com