Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2281 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 29Page - STMicroelectronics AN2281 Datasheet HTML 30Page - STMicroelectronics AN2281 Datasheet HTML 31Page - STMicroelectronics AN2281 Datasheet HTML 32Page - STMicroelectronics AN2281 Datasheet HTML 33Page - STMicroelectronics AN2281 Datasheet HTML 34Page - STMicroelectronics AN2281 Datasheet HTML 35Page - STMicroelectronics AN2281 Datasheet HTML 36Page - STMicroelectronics AN2281 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
AN2281
List of software functions and interrupt service routines
33/38
lt.c Module
LT_TB1_IT_Routine
LT_ICAP_IT_Routine
Description:
Lite Timer counter 1 overflow interrupt service routine.
The Lite Timer is configured so that this interrupt occurs every 1 msec., two
variables are incremented in this interrupt service routine. Then "counter"
variable is used for Hall sensor signal semi-period measurement and the
"timebase_1ms" variable is used as 1 msec time base.
Input:
None
Returns:
None
Duration:
4.35µsec
Description:
Lite Timer input capture interrupt service routine.
Hall sensor signal semi-period measurement is performed in this routine.
Moreover, depending on the logical value of the Hall sensor signal, the
phase of the PWM modulated sinusoidal voltage output on pin ATPWM0
(phase C) is forced with phase angle value
Φ or with Φ+π. Finally, the
watchdog timer is enabled/refreshed so that, if no Hall sensor edges occur
in 127msec (corresponding to an electrical frequency of less than 4 Hz), a
hardware reset is generated.
Figure 22 shows the flowchart of this interrupt service routine.
Input:
None
Returns:
None
Duration:
The average duration is 26.15 µsec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com