Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2281 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2281
Description  Low cost self-synchronizing PMAC motor drive using ST7FLITE35
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2281 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2281 Datasheet HTML 21Page - STMicroelectronics AN2281 Datasheet HTML 22Page - STMicroelectronics AN2281 Datasheet HTML 23Page - STMicroelectronics AN2281 Datasheet HTML 24Page - STMicroelectronics AN2281 Datasheet HTML 25Page - STMicroelectronics AN2281 Datasheet HTML 26Page - STMicroelectronics AN2281 Datasheet HTML 27Page - STMicroelectronics AN2281 Datasheet HTML 28Page - STMicroelectronics AN2281 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
AN2281
Conclusion and results
25/38
7
Conclusion and results
A low-voltage three-phase AC permanent magnet motor (PMAC or BLAC) control system
has been developed using ST7FLITE35. Some concluding remarks concerning the CPU
load and the code memory size are given below. This is followed by a series of oscilloscope
captures illustrating the proper behavior of the system.
7.1
Motor control related CPU load
The CPU load computation has been performed when using closed loop driving mode, with
Ph/f linear relationship enabled and V/f limitation disabled. The system was driving a 4 pole-
pair motor, running at 10,000 rpm.
The most important contributors to the CPU load were these motor control tasks:
●
Sine wave generation. As discussed in Section 3.1, the sine wave update is
performed in the 12-bit autoreload timer overflow interrupt service routine
(LART_OVF1_IT_Routine). When the three PWM duty cycles are not computed, the
execution time of this interrupt service routine is about 4 µsec. while, when the three
duty cycles are updated, the execution time is around 27.5 µsec. Considering then, that
a interrupt is generated every 64 µsec., the contribution of this task to the CPU load is
equivalent to:
●
Hall sensor signal semi-period measurement. As earlier discussed, this task is
performed in the Lite Timer Input Capture interrupt service routine. Considering a 4
pole-pair motor running at 10,000 rpm, the incoming Hall sensor signal frequency is
666.7Hz. One LTIC interrupt is therefore generated every 750µsec. Since the execution
time of this routine, is around 26.5 µsec., the contribution of this task to the CPU load,
under the described conditions, is equivalent to 3.5%.
●
PI regulation. Assuming a sampling time of 25msecs and considering that the
execution time of this routine is, in worst case conditions, around 150µsec, the
contribution of PI regulation to the CPU load is less than 1% and therefore negligible.
●
Period to frequency conversion. In order to guarantee a high level of
synchronization, sine wave frequency should be computed, starting from the measured
semi-periods, at least once per Hall sensor period.
Considering that, for a motor with 4 pole pairs running at 10,000 rpm, the incoming Hall
sensor signal frequency is 666.7Hz and that the average time required for executing the
time to frequency conversion is around 222µsec, the contribution of this task to the CPU
load is given by
Under the described conditions, the overall CPU load is then
4+27.5
2*64
*100=24.6%
222*10-4*666.7=14.8%
CPU load = 24.6 + 3.5 + 14.8 = 42.9%
(7.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com