Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2284 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 7Page - STMicroelectronics AN2284 Datasheet HTML 8Page - STMicroelectronics AN2284 Datasheet HTML 9Page - STMicroelectronics AN2284 Datasheet HTML 10Page - STMicroelectronics AN2284 Datasheet HTML 11Page - STMicroelectronics AN2284 Datasheet HTML 12Page - STMicroelectronics AN2284 Datasheet HTML 13Page - STMicroelectronics AN2284 Datasheet HTML 14Page - STMicroelectronics AN2284 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AN2284
4 SC Peripheral Description
11/40
Figure 1.
ISO 7816-3 Asynchronous Protocol
4.4
Smart Card Clock Generator
The SmartCard clock generator provides a clock signal to the connected SmartCard. The
SmartCard uses this clock to derive the baud rate clock for the serial I/O between the
SmartCard and another UART. The clock is also used for the CPU in the card, if present.
Operation of the Smart Card interface requires that the clock rate to the card is adjusted while
the CPU in the card is running code so that the baud rate can be changed or the performance
of the card can be increased. The protocols that govern the negotiation of these clock rates and
the altering of the clock rate are detailed in ISO7816-3 standard.
The clock is used as the CPU clock for the Smart Card, therefore updates to the microcontroller
clock rate must be synchronized to the SmartCard clock, i.e. the clock high or low pulse widths
must not be shorter than either the old or new programmed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com