Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2284 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 25Page - STMicroelectronics AN2284 Datasheet HTML 26Page - STMicroelectronics AN2284 Datasheet HTML 27Page - STMicroelectronics AN2284 Datasheet HTML 28Page - STMicroelectronics AN2284 Datasheet HTML 29Page - STMicroelectronics AN2284 Datasheet HTML 30Page - STMicroelectronics AN2284 Datasheet HTML 31Page - STMicroelectronics AN2284 Datasheet HTML 32Page - STMicroelectronics AN2284 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AN2284
8 SC Reader Lib: Description
29/40
- SC_RESET_LOW
- SC_RESET_HIGH
- SC_ACTIVE
- SC_ACTIVE_ON_T0
●
SC_POWER_OFF
No power is provided to the smart card (Vcc=0); the STR7 smart card peripheral is
disabled. No clock is provided to smart card.
●
SC_POWER_ON
The smart card peripheral is enabled and initialized; no power is provided to the smart card;
no clock is provided to the smart card.
●
SC_RESET_LOW and SC_RESET_HIGH
In SC_RESET_LOW RST, the pin on the smart card (pin 2) is hold to zero (RST=0).
Vcc=5V is provided to the smart card; clock CLK is provided to the smart card. Answer to
reset (ATR) procedure begins. The reader waits for an ATR frame from the smart card. If no
answer is received, the reader forces reset pin RST high (RST=1) and waits again for an
answer to reset in the SC_RESET_HIGH state.
●
SC_ACTIVE
If an answer to reset is received, the reader goes in active state and decodes the ATR
frame. It returns information about the used protocol.
●
SC_ACTIVE_ON_T0
If the used protocol is T0, the reader goes in SC_ACTIVE_ON_T0 state and allows to send
commands to the smart card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com