Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2284 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 23Page - STMicroelectronics AN2284 Datasheet HTML 24Page - STMicroelectronics AN2284 Datasheet HTML 25Page - STMicroelectronics AN2284 Datasheet HTML 26Page - STMicroelectronics AN2284 Datasheet HTML 27Page - STMicroelectronics AN2284 Datasheet HTML 28Page - STMicroelectronics AN2284 Datasheet HTML 29Page - STMicroelectronics AN2284 Datasheet HTML 30Page - STMicroelectronics AN2284 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
AN2284
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
27/40
The Manage Channel command is used by the reader application to open and close the logical
communication channels between it and the card. Initially the card opens a basic
communication channel by establishing an application-level protocol with the reader application
through the completion of an ATR sequence. This channel is then used to open or close
additional logical channels through the Manage Channel command.
Envelope:
This command supports the use of secure messaging using the T=0 protocol. It enables an
APDU to be encrypted and then incorporated into the Envelope command's data section (of its
APDU). The APDU processor on the card can then extract and execute the command.
Get Response:
As with the previous command, the Get Response command allows the use of the T=0 protocol
for transferring APDUs. The Case 4 type of APDU cannot be supported by the T=0 protocol i.e.
it is not possible to send a block of data to the card and then receive a block of data in return.
So when using the T=0 protocol, the initial command results in a response which indicates that
more data is waiting to be sent by the card. The Get Response command is then used to
retrieve this data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com