Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2284 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 8Page - STMicroelectronics AN2284 Datasheet HTML 9Page - STMicroelectronics AN2284 Datasheet HTML 10Page - STMicroelectronics AN2284 Datasheet HTML 11Page - STMicroelectronics AN2284 Datasheet HTML 12Page - STMicroelectronics AN2284 Datasheet HTML 13Page - STMicroelectronics AN2284 Datasheet HTML 14Page - STMicroelectronics AN2284 Datasheet HTML 15Page - STMicroelectronics AN2284 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
5 SC Reader: Basic Hw For 5v Card
AN2284
12/40
5
SC Reader: Basic Hw For 5v Card
Some adjustments are needed when using a 5V powered smart card. Figure 2. shows how to
interface a 5V smart card with the microcontroller (STR710):
Figure 2.
Basic Hardware For 5V Card Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com