Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2284 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 21Page - STMicroelectronics AN2284 Datasheet HTML 22Page - STMicroelectronics AN2284 Datasheet HTML 23Page - STMicroelectronics AN2284 Datasheet HTML 24Page - STMicroelectronics AN2284 Datasheet HTML 25Page - STMicroelectronics AN2284 Datasheet HTML 26Page - STMicroelectronics AN2284 Datasheet HTML 27Page - STMicroelectronics AN2284 Datasheet HTML 28Page - STMicroelectronics AN2284 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AN2284
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
25/40
Update Binary:
A reader-side application can utilize this command to directly erase and store a contiguous
sequence of bytes in a transparent EF on the card. It effectively functions as a write command
i.e. a string of bytes provided in the command are written into the EF on the card. The input
parameters consist of an offset pointer from the start of the file as well as the number of bytes
to be written.
Erase Binary:
The Erase Binary command is used to clear bytes within a transparent EF on a card. Similarly
to the previous commands, the input parameters comprise an offset from the start of the EF to
the segment of bytes to be erased as well as the number of bytes to be erased.
Read Record:
This command is used to read and return the contents of one or more records in an EF on a
card. Unlike the previous command, the EF for the Read Record command must be a record-
oriented file. If it is applied to a transparent EF, the command will abort and an error will be
returned to the reader.
The following may be returned from this command, depending on the input parameters:
●
A specified record
●
All the records from the beginning of the file to a specific record
●
All the records from a specific record to the end of the file
Write Record:
This command is used to write a record into a record-oriented EF. As with the Write Binary
command, this command can be used to write a record into an EF, set or clear specific bits
within a specific record in an EF.
Append Record:
The Append Record command is used to add a record to the end of a linear, record-oriented EF
or to write the first record to a cyclic, record-oriented EF on a card.
Update Record:
This command writes a specific record into a record-oriented EF on a card. As with the Update
Binary command, the old record is erased and the new one is written into the EF.
Get Data:
This command reads and returns the contents of a data object stored within the file system on
the card. The Get Data command is card-specific as the definition of a data object varies
between different cards.
Put Data:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com