Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2284 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2284
Description  Smart Card Interface with the STR71xx
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2284 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2284 Datasheet HTML 16Page - STMicroelectronics AN2284 Datasheet HTML 17Page - STMicroelectronics AN2284 Datasheet HTML 18Page - STMicroelectronics AN2284 Datasheet HTML 19Page - STMicroelectronics AN2284 Datasheet HTML 20Page - STMicroelectronics AN2284 Datasheet HTML 21Page - STMicroelectronics AN2284 Datasheet HTML 22Page - STMicroelectronics AN2284 Datasheet HTML 23Page - STMicroelectronics AN2284 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
7 ISO 7816-3 - Electronic Signal and Transmission Protocol
AN2284
20/40
Table 5.
CLA Instruction Set Definitions
The INS byte is used to identify a specific instruction within a class of instructions identified by
the value of CLA.Table 6. lists the instructions in the ISO 7816-4 standard used to access file
system and security functions.
Table 6.
ISO 7816-4 INS Codes
The parameters P1 and P2 are defined at the link level but are actually dependent on the
specific instruction (application level). They provide control or addressing parameters for the
various application-specific instructions. For example, in the Select File instruction, P1 is used
to indicate how the file will be referred to (by identifier, name, path etc.) and P2 offers further
refinement as to which file is to be selected. P3 defines the number of bytes to be transmitted
during the execution of the INS specified instruction. The convention used to indicate
movement of data is card-centric i.e. outgoing refers to data moving from the card to the reader
and incoming refers to data moving from the reader to the card.
For each command TDPU sent from the reader, a response TPDU is sent by the card. The
response includes three mandatory fields and one optional field (all one byte in length):
●
ACK: indicates that the card has received the [CLA, INS] command
●
NULL: used for flow control on the I/O channel by the card. It signals (to the reader) that
the card is still processing the command and so the reader must wait before sending
another command
●
SW1: status response of the current command
●
SW2: (optional) also conveys a status response to the reader
CLA Byte
Instruction Set
0X
ISO 7816-4 instructions (files and security)
10 to 7F
Reserved for future use
8X or
ISO 7816-4 instructions
AX
Application/vendor specific instructions
B0 to CF
ISO 7816-4 instructions
D0 to FE
Application/vendor specific instructions
FF
Reserved for protocol type selection
INS Value
Command Name
INS Value
Command Name
0E
Erase Binary
C0
Get Response
20
Verify
C2
Envelope
70
Manage Channel
CA
Get Data
82
External Authenticate
D0
Write Binary
84
Get Challenge
D2
Write Record
88
Internal Authenticate
D6
Update Binary
A4
Select File
DA
Put Data
B0
Read Binary
DC
Update Record
B2
Read Record(s)
E2
Append Record



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com