Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2556 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 5Page - STMicroelectronics AN2556 Datasheet HTML 6Page - STMicroelectronics AN2556 Datasheet HTML 7Page - STMicroelectronics AN2556 Datasheet HTML 8Page - STMicroelectronics AN2556 Datasheet HTML 9Page - STMicroelectronics AN2556 Datasheet HTML 10Page - STMicroelectronics AN2556 Datasheet HTML 11Page - STMicroelectronics AN2556 Datasheet HTML 12Page - STMicroelectronics AN2556 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN2556
Modified features
9/35
Moreover, the Flash Write/Erase controller is different and therefore the programming
routines must be updated.
When the XPEN bit of the SYSCON register and the XRAM2EN bit of XPERCON register
are set, access to the address range 09’0000h - 0D’FFFFh is not redirected to the external
memory. The linker-locator configuration of the toolchain should be checked in order to
prevent use of this memory range.
Note:
This range can be redirected to the external memory by changing the value of the register
XADRS3. Refer to Section 4.1: XADRS3 register for more details.
.
1.4
A/D converter
The Analog Digital converter has been redesigned in the ST10F273Z4. The ST10F273Z4
still provides an Analog/Digital converter with 10-bit resolution and a sample & hold circuit
on-chip.
Table 3.
Flash memories mapping
Segment
number
ST10F269Zx Flash mapping
ST10F273Z4 Flash mapping
14
0E’0000 - 0E’FFFF
External memory
0E’0000 - 0E’FFFF
Flash registers
13
05’0000 - 0D’FFFF
09’0000 - 0D’FFFF
Reserved
12
11
10
9
8
08’0000 - 08’FFFF
IBank 1, Block 1: 64 Kbytes
7
07’0000 - 07’FFFF
IBank 1, Block 0: 64 Kbytes
6
06’0000 - 06’FFFF
IBank 0, Block 9: 64 Kbytes
5
05’0000 - 05’FFFF
IBank 0, Block 8: 64 Kbytes
4
04’0000 - 04’FFFF
Block 6: 64 Kbytes
04’0000 - 04’FFFF
IBank 0, Block 7: 64 Kbytes
3
03’0000 - 03’FFFF
Block 5: 64 Kbytes
03’0000 - 03’FFFF
IBank 0, Block 6: 64 Kbytes
2
02’0000 - 02’FFFF
Block 4: 64 Kbytes
02’0000 - 02’FFFF
IBank 0, Block 5: 64 Kbytes
1
01’8000 - 01’FFFF
Block 3: 32 Kbytes
01’8000 - 01’FFFF
IBank 0, Block 4: 32 Kbytes
01’0000 - 01’7FFF
External memory
01’0000 - 01’7FFF
External memory
0
00’8000 - 00’FFFF
External memory
Internal RAM
00’8000 -00’FFFF
External memory
Internal RAM
00’6000 - 00’7FFF
Block 2: 8 Kbytes
00’6000 - 00’7FFF
IBank 0, Block 3: 8 Kbytes
00’4000 - 00’5FFF
Block 1: 8 Kbytes
00’4000 - 00’5FFF
IBank 0, Block 2: 8 Kbytes
00’0000 - 00’3FFF
Block 0: 16 Kbytes
00’2000 - 00’3FFF
IBank 0, Block 1: 8 Kbytes
00’0000 - 00’1FFF
IBank 0, Block 0: 8 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com