Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2556 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics AN2556 Datasheet HTML 23Page - STMicroelectronics AN2556 Datasheet HTML 24Page - STMicroelectronics AN2556 Datasheet HTML 25Page - STMicroelectronics AN2556 Datasheet HTML 26Page - STMicroelectronics AN2556 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
AN2556
New features
23/35
the enable bit. This AND gate is activated by a transition on the Interrupt source line and not
by the latched value in the XIRxSEL register meaning:
A transition on the IT source line will generate an interrupt to the ST10 core if the
source is enabled.
Writing to an interrupt request flag in a XIRxSEL register will not generate an interrupt
to the ST10 core.
Example: If XIR0SEL = 0x0100: CAN1 interrupt enabled on XP0IC interrupt.
To trigger by software the CAN1 interrupt routine with the XP0IC register the following code
must be used:
XIR0SET = 0x0001;/* Set CAN1 interrupt request Flag in XIR0SEL */
XP0IC = XP0IC | 0x0080;/* Set XP0IR flag, generate an interrupt */
Executing only the first line will only set the flag in the XIR0SEL register but will not be seen
by the AND gate and cannot set the XP0IR flag.
2.4
Additional ports input control: XPICON register
The possibility to select between TTL and CMOS-like input thresholds has been extended to
the Ports 0, 1 and 5.
2.4.1
Hardware impacts
None.
2.4.2
Software impacts
None.
ST10F273Z4: XPICON (EB26)
XREG
Reset value: --00h
15
14
13
12
11
10
987
65432
10
Reserved
P5H
IN
P5L
IN
P1H
IN
P1L
IN
P0H
IN
P0L
IN
-
RWRWRWRW
RWRW
Table 14.
ST10F273Z4 XPICON register
Bit
Function
Reset value
PxLIN
Port x Low Byte Input Level Selection
0: Pins Px.7..0 switch on standard TTL input levels.
1: Pins Px.7..0 switch on CM0OS input levels
0
PxHIN
Port x High Byte Input Level Selection
0: Pins Px.15..8 switch on standard TTL input levels.
1: Pins Px.15..8 switch on CM0OS input levels.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com