Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2556 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 18Page - STMicroelectronics AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics AN2556 Datasheet HTML 23Page - STMicroelectronics AN2556 Datasheet HTML 24Page - STMicroelectronics AN2556 Datasheet HTML 25Page - STMicroelectronics AN2556 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
New features
AN2556
22/35
2.3.1
Hardware impacts
None.
2.3.2
Software impacts
The XIRxSEL registers must be configured. If none of the new X-Peripherals are used, that
is, only the X-Peripherals that were already present on ST10F269Zx are used, the following
values must be programmed:
●
XIR0SEL = 0x0100, only CAN1 interrupt is enabled and can generate an interrupt to
the ST10 through XP0IC.
●
XIR1SEL = 0x0100, only CAN2 interrupt is enabled and can generate an interrupt to
the ST10 through XP1IC.
●
XIR2SEL = 0x0, not used.
●
XIR3SEL = 0x2000, only PLL unlock interrupt is enabled and will generate an interrupt
to the ST10 through XP3IC.
Then, in the interrupt routines associated with the XPxIC, the respective flag in the XIRxSEL
register must be cleared. Since the XIRxSEL registers are not bit addressable, a pair of
registers (a pair for each XIRxSEL) is provided to allow setting and clearing the bits of
XIRxSEL without risking overwriting requests coming after reading the register and before
writing it. Therefore the following registers must be written to clear the flags:
●
In the CAN1 interrupt routine, XIR0CLR (@ EB14h) = 0x0001.
●
In the CAN2 interrupt routine, XIR1CLR (@ EB24h) = 0x0001.
●
In the PLL unlock interrupt routine, XIR3CLR (@ EB44h) = 0x0020.
Additional information on the X-Interrupt multiplexer structure
Figure 1 on page 17 shows that the X-Interrupt sources are connected to the interrupt
request flag of the XIRxSEL registers and to the XPxIR request flag via an AND gate with
I2C Transmit
X
X
X
I2C Error
X
SSC1 Receive
X
X
X
SSC1 Transmit
X
X
X
SSC1 Error
X
ASC1 Receive
X
X
X
ASC1 Transmit
X
X
X
ASC1 Transmit Buffer
X
X
X
ASC1 Error
X
PLL Unlock / OWD
X
PWM1 Channel 3...0
X
X
Table 13.
X-Interrupt detailed mapping (continued)
XP0INT
XP1INT
XP2INT
XP3INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com