Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2556 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 24Page - STMicroelectronics AN2556 Datasheet HTML 25Page - STMicroelectronics AN2556 Datasheet HTML 26Page - STMicroelectronics AN2556 Datasheet HTML 27Page - STMicroelectronics AN2556 Datasheet HTML 28Page - STMicroelectronics AN2556 Datasheet HTML 29Page - STMicroelectronics AN2556 Datasheet HTML 30Page - STMicroelectronics AN2556 Datasheet HTML 31Page - STMicroelectronics AN2556 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
New registers
AN2556
28/35
4.3
Emulation dedicated registers
A set of additional four registers are implemented for emulation purpose only. Similar to
XPEREMU, they are write only registers:
XEMU0 (00’EB76h)
XEMU1 (00’EB78h)
XEMU2 (00’EB7Ah)
XEMU3 (00’EB7Ch)
These registers are used by emulators. They have no user action in ST10F273Z4.
4.3.1
Hardware impacts
None.
4.3.2
Software impacts
None. In ST10F269Zx, the address range 00’E800h to 00’EBFFh is mapped to external
memory but is recommended to reserve this space for upward compatibility.
4.4
XMISC register
This register has been created to handle some additional functionalities. To have access to
this register, XMISCEN bit, bit 10 of XPERCON, must be set.
ST10F273Z4: XMISC (EB46h)
XREG
Reset value: 0000h
15
14
13
12
11
10
9
8
7
6
5
4
3210
Reserved
VREG
OFF
CAN
CK2
CAN
PAR
ADC
MUX
-
RW
RWRWRW
Table 18.
XMISC register description
Bit No.
Bit name
Function
0
ADCMUX
Port1L ADC Channels Enable
0: Analog inputs on port P5.y can be converted (default configuration).
1: Analog inputs on Port P1.z can be converted. Only 8 channels can be
managed.
1CANPAR
CAN Parallel Mode Selection
0: CAN2 is mapped on P4.4/P4.7, while CAN1 is mapped on P4.5/P4.6.
1: CAN1 and CAN2 are mapped in parallel on P4.5/P4.6. This is effective
only if both CAN1 and CAN2 are enabled (bits CAN1EN and CAN2EN set in
XPERCON register). If CAN1 is disabled, CAN2 remains on P4.4/P4.7 even
if bit CANPAR is set.
2
CANCK2
CAN Clock divided by 2 disable
0: Clock provided to CAN modules is CPU clock divided by 2 (mandatory
when fCPU is higher than 40 MHz).
1: Clock provided to CAN modules is the direct CPU clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com