Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2556 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 17Page - STMicroelectronics AN2556 Datasheet HTML 18Page - STMicroelectronics AN2556 Datasheet HTML 19Page - STMicroelectronics AN2556 Datasheet HTML 20Page - STMicroelectronics AN2556 Datasheet HTML 21Page - STMicroelectronics AN2556 Datasheet HTML 22Page - STMicroelectronics AN2556 Datasheet HTML 23Page - STMicroelectronics AN2556 Datasheet HTML 24Page - STMicroelectronics AN2556 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
AN2556
New features
21/35
Figure 2.
X-Interrupt basic structure
When different sources submit an interrupt request, the enable bits (Byte High of the
XIRxSEL register) define a mask which controls which sources will be associated with the
unique available vector. If more than one source is enabled to issue the request, the service
routine will have to take care to identify the real event to be serviced. This can easily be
done by checking the flag bits (Byte Low of XIRxSEL register). Note that the flag bit can
provide information about events which are not currently serviced by the interrupt controller
(since masked through the enable bits), allowing an effective software management in the
absence of the possibility to serve the related interrupt request. A period polling of the flag
bits may be implemented inside the user application.
XMISCEN, bit 10 of XPERCON register, must be set to have access to these registers.
Refer to Section 3.1: XPERCON register on page 24 for more details.
Table 13: X-Interrupt detailed mapping gives an overview of the different settings available.
ai13312
70
Flag [7:0]
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XPxIC.IR
(x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
Enable [7:0]
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Table 13.
X-Interrupt detailed mapping
XP0INT
XP1INT
XP2INT
XP3INT
CAN1 Interrupt
X
X
CAN2 Interrupt
X
X
I2C Receive
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com