Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2556 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 27Page - STMicroelectronics AN2556 Datasheet HTML 28Page - STMicroelectronics AN2556 Datasheet HTML 29Page - STMicroelectronics AN2556 Datasheet HTML 30Page - STMicroelectronics AN2556 Datasheet HTML 31Page - STMicroelectronics AN2556 Datasheet HTML 32Page - STMicroelectronics AN2556 Datasheet HTML 33Page - STMicroelectronics AN2556 Datasheet HTML 34Page - STMicroelectronics AN2556 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
AN2556
Electrical characteristics
31/35
5.2
AC characteristics at 40 MHz
As the technology is different for the two devices, the I/Os present some differences in AC
behavior. Table 20 and Table 21 below list all the timing differences. Please carefully check
your design for any possible impacts.
5.2.1
External memory bus timings
Note that for CPU clock frequencies above 40 MHz (when using the ST10F273Z4Q3), some
numbers in the timing formulas become zero or negative. In most cases this is not
acceptable or meaningful. In such cases, it is necessary to relax the speed of the bus setting
properly tA (ALE extension), tC (Memory Cycle Time wait-states) and tF (Memory tri-state
time).
VOLCC
Output low voltage
-
0.45; IOL =
2.4mA
-
0.4; IOL = 8mA
V
PORT0, PORT1,
Port 4, ALE, RD,
WR, BHE,
CLKOUT, RSTOUT
PORT6, ALE,
CLKOUT, WR,
BHE, RD, RSTOUT,
RSTIN, READY
0.05; IOL =
1mA
VOL1CC
Output low voltage
(all other outputs)
-
0.45; IOL =
2.4mA
-
0.4; Iol = 4mA
V
0.05; IOL =
0.5mA
VOHCC
Output high voltage
0.9VDD; IOH =
-0.5mA
-
VDD - 0.8/ IOH =
-8mA
-
V
2.4; IOH = -2.4mA
PORT0,
PORT1, Port
4, ALE, RD,
WR, BHE,
CLKOUT,
RSTOUT
VDD -0.08/ IOH =
-1mA
PORT6, ALE,
CLKOUT, WR,
READY, BHE,
RD, RSTOUT,
RSTIN
VOH1CC
Output high voltage
(all other outputs)
0.9VDD; IOH =
-0.25mA
-
VDD - 0.8; IOH =
-4mA
-V
2.4; IOH = -1.6mA
VDD - 0.08; IOH =
-0.5mA
IOZ1CC
Port5 Input leakage
current
-
±0.5
-
±0.2
µA
IOZ2CC
Input leakage
current (all other
inputs)
-±1
-
±0.5
µA
Table 19.
DC characteristics (continued)
Symbol
Parameter
ST10F269Zx limit values
ST10F273Z4 limit values
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com