Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 24 Page - NEC

Part # UPD6P4BGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BGS Datasheet(HTML) 24 Page - NEC

Back Button UPD6P4BGS Datasheet HTML 20Page - NEC UPD6P4BGS Datasheet HTML 21Page - NEC UPD6P4BGS Datasheet HTML 22Page - NEC UPD6P4BGS Datasheet HTML 23Page - NEC UPD6P4BGS Datasheet HTML 24Page - NEC UPD6P4BGS Datasheet HTML 25Page - NEC UPD6P4BGS Datasheet HTML 26Page - NEC UPD6P4BGS Datasheet HTML 27Page - NEC UPD6P4BGS Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
24
µPD6P4B
Data Sheet U13594EJ2V0DS00
7. PACKAGE DRAWINGS
20 PIN PLASTIC SOP (300 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
E
F
G
H
J
12.7±0.3
1.27 (T.P.)
1.8 MAX.
1.55±0.05
7.7±0.3
0.78 MAX.
0.12
1.1
M
0.1±0.1
N
0.500±0.012
0.031 MAX.
0.004±0.004
0.071 MAX.
0.061±0.002
0.303±0.012
0.043
0.005
0.050 (T.P.)
P20GM-50-300B, C-5
P3
°
3
°
+7
°
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
D
0.42
0.017
+0.08
–0.07
K
0.22
0.009
+0.08
–0.07
L
0.6±0.2
0.024
0.10
–3
°
+7
°
–3
°
0.004
+0.008
–0.009
+0.003
–0.004
+0.003
–0.004
detail of lead end
M
110
11
20
I
5.6±0.2
0.220 +0.009
–0.008
A
B
H
K
M
L
P
J
I
G
C
D
E
F
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com