Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 29 Page - NEC

Part # UPD6P4BGS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6P4BGS Datasheet(HTML) 29 Page - NEC

Back Button UPD6P4BGS Datasheet HTML 24Page - NEC UPD6P4BGS Datasheet HTML 25Page - NEC UPD6P4BGS Datasheet HTML 26Page - NEC UPD6P4BGS Datasheet HTML 27Page - NEC UPD6P4BGS Datasheet HTML 28Page - NEC UPD6P4BGS Datasheet HTML 29Page - NEC UPD6P4BGS Datasheet HTML 30Page - NEC UPD6P4BGS Datasheet HTML 31Page - NEC UPD6P4BGS Datasheet HTML 32Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
Data Sheet U13594EJ2V0DS00
29
µPD6P4B
(5) Carrier waveform (Enlarged waveform of each code’s high period)
REM output
8.77 s
9 ms or 0.56 ms
Carrier frequency : 38 kHz
26.3 s
µ
µ
(6) Bit array of each code
C0 C1 C2 C3 C4 C5 C6 C7 C0'
C0
or
Co
C1'
C1
or
C1
C2'
C2
or
C2
C3'
C3
or
C3
C4'
C4
or
C4
C5'
C5
or
C5
C6'
C6
or
C6
C7'
C7
or
C7
D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7
Data code
Data code
Custom code'
Custom code
Leader code
Caution To prevent malfunction with other systems when receiving data in the NEC transmission
format, not only fully decode (make sure to check Data Code as well) the total 32 bits of the
16-bit custom codes (Custom Code, Custom Code’) and the 16-bit data codes (Data Code,
Data Code) but also check to make sure that no signals are present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com